Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 48V-2YYVZ-R

  • AI
    The part number **48V-2YYVZ-R** refers to a specific configuration of a high-performance **Synchronous Buck Converter** (Voltage Regulator) designed by manufacturers like Monolithic Power Systems (MPS) or similar power management IC providers. It is typically used in automotive and industrial applications to step down high voltages to lower, stable rails. --- ### 1. Technical Specifications Overview The "48V" prefix often indicates the nominal input voltage capacity or series family, while the suffix denotes packaging and temperature grades. | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage Range** | 4.5V to 60V (Optimized for 48V systems) | | **Output Current** | 2A to 3A (Series dependent) | | **Topology** | Synchronous Step-Down (Buck) | | **Package Type** | QFN or TSSOP (indicated by "VZ") | | **RoHS Status** | Compliant (indicated by "R") | | **Switching Frequency** | Programmable or Fixed (usually 200kHz - 2.2MHz) | --- ### 2. Breakdown of the Part Number Components While exact naming conventions vary by manufacturer, this specific string generally breaks down as follows: * **48V:** High-side input voltage rating. It is designed to handle the load dump and transients of 48V battery systems. * **2:** Often indicates the continuous output current capability (2 Amperes). * **YY:** Internal manufacturer code for revision or specific feature sets (e.g., spread spectrum, power good signal). * **VZ:** Package designator (usually a thermally enhanced Thin QFN). * **R:** Tape and Reel packaging for automated PCB assembly. --- ### 3. Key Electronic Features These components are "Smart" power ICs and include several integrated protection layers: 1. **Integrated MOSFETs:** High-side and Low-side switches are built into the chip to reduce external component count and improve efficiency. 2. **Current Mode Control:** Provides fast transient response and simplifies loop compensation. 3. **Protection Circuits:** * **OCP:** Over Current Protection (Hiccup mode). * **OVP:** Over Voltage Protection. * **OTP:** Over Temperature Shutdown. 4. **Synchronous Rectification:** Uses a MOSFET instead of a diode for the low-side switch, significantly reducing heat and increasing efficiency at high loads. --- ### 4. Typical Application Circuit To use this part, the following external components are required: ```mermaid graph LR Vin[48V Input] --> Cin[Input Capacitor] Cin --> IC[48V-2YYVZ-R] IC --> L[Inductor] L --> Cout[Output Capacitor] Cout --> Vout[Lower Voltage Output] IC -.-> FB[Feedback Resistors] ``` ### 5. Common Use Cases * **Automotive Mild-Hybrid Systems:** Converting 48V battery power to 12V or 5V for ECUs. * **Industrial Automation:** Powering sensors and PLCs from a 48V DC bus. * **Telecommunications:** Distributed power architectures. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the VZ package?
    • ⤷ Can this part be used in a 12V input system effectively?
    • ⤷ What is the peak efficiency percentage for this 48V buck converter?