49AV2-4W1A-R
AI

The **49AV2-4W1A-R** is a specific electronic component typically categorized as a **Linear Hall Effect Sensor**. These sensors are designed to track magnetic field density and convert it into a proportional analog voltage output.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of this component series:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 4.5 Vdc to 10.5 Vdc |
| **Output Type** | Analog (Ratiometric) |
| **Magnetic Range** | ±670 Gauss to ±1000 Gauss (Model dependent) |
| **Sensitivity** | ~7.0 mV/G to 9.0 mV/G |
| **Operating Temp** | -40°C to 125°C |
| **Package Type** | Lead-free, SIP (Single In-line Package) |
---
### 2. Functional Breakdown
This part operates based on the **Hall Effect principle**. When a magnetic field is applied to the sensor, it generates a voltage perpendicular to both the current flow and the magnetic field.
* **Ratiometric Output:** The output voltage is proportional to the supply voltage. If the supply voltage fluctuates, the output shifts accordingly to maintain accuracy relative to the power source.
* **Linearity:** Unlike "switch" type sensors that only output ON/OFF, this part provides a linear slope. This allows it to measure **distance** or **angle** based on the strength of the magnet nearby.
* **Quiescent Voltage:** In the absence of a magnetic field (0 Gauss), the output usually sits at exactly half of the supply voltage ($Vcc / 2$).
---
### 3. Application Use Cases
Because the 49AV2 series is high-precision and rugged, it is commonly used in industrial and automotive environments:
1. **Current Sensing:** Placed near a conductor to measure the magnetic field generated by flowing current.
2. **Throttle/Pedal Position:** Used in "drive-by-wire" systems to detect the physical position of a pedal.
3. **Vibration Detection:** Detecting minute movements in machinery by monitoring shifts in magnetic proximity.
4. **Liquid Level Sensing:** Combined with a float containing a magnet to determine fluid levels in a tank.
---
### 4. Wiring Diagram (Generic)
```cpp
// Typical 3-Pin Configuration
Pin 1: VCC (Power - e.g., 5V)
Pin 2: GND (Ground)
Pin 3: VOUT (Analog Output Signal)
```
- ⤷
What is the difference between a Linear Hall Effect sensor and a Hall Effect switch?
- ⤷ How do I calculate the magnetic field strength from the voltage output of this sensor?
- ⤷ What are the common mounting considerations to avoid magnetic interference?