4MP206
AI

The **4MP206** is a specific electronic component typically identified as a **PNP Epitaxial Silicon Transistor**. It is most commonly found in high-performance switching applications and power management circuits.
---
### 1. General Specifications
The following table outlines the key electrical characteristics of the 4MP206 transistor:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | -60 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -60 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V |
| **Collector Current (DC)** | $I_C$ | -2.0 | A |
| **Total Device Dissipation** | $P_D$ | 1.0 - 2.0 | W |
| **DC Current Gain** | $h_{FE}$ | 100 - 300 | - |
---
### 2. Functional Description
The 4MP206 is a **PNP transistor**, meaning it is "on" when the base is pulled low relative to the emitter.
#### Key Features:
* **High Collector Current:** With a rating of up to 2A, it can handle moderate loads like small motors or high-power LEDs.
* **Low Saturation Voltage:** This ensures minimal power loss and heat generation when the transistor is fully turned on (saturated).
* **Package Type:** Usually found in a **TO-92** (for low power versions) or **SOT-223/TO-252** (for surface mount/higher thermal dissipation) packaging.
---
### 3. Common Applications
Due to its switching speed and current capacity, the 4MP206 is used in:
1. **DC-DC Converters:** Managing power regulation in portable electronics.
2. **Motor Drivers:** Serving as part of an H-bridge circuit to control small DC motors.
3. **Audio Amplification:** Used in the output stages of low-power audio amplifiers.
4. **Relay Drivers:** Driving electromagnetic relays from low-power microcontroller pins.
---
### 4. Basic Pinout (Standard SOT-89/TO-92)
While you should always consult the specific manufacturer's datasheet, the standard configuration is:
```text
Pin 1: Base (B) - Controls the current flow.
Pin 2: Collector (C) - Connected to the load.
Pin 3: Emitter (E) - Usually connected to the positive supply (Vcc).
```
- ⤷
What are the NPN complementary pairs for the 4MP206?
- ⤷ Can the 4MP206 be used in high-frequency RF applications?
- ⤷ What is the maximum operating temperature for this transistor?