Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 4MP502

  • AI
    The **4MP502** is a specialized precision potentiometer, typically categorized as a **Cermet Trimming Potentiometer** (Trimpot). These components are designed for PCB mounting to allow for fine-tuning of resistance values within an electronic circuit. ### 1. Technical Specifications The part number "4MP502" contains coded information regarding its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Base Resistance** | 5,000 Ohms ($5k\Omega$) | | **Resistance Code** | 502 (50 followed by 2 zeros) | | **Element Material** | Cermet (Ceramic-Metal composite) | | **Adjustment Type** | Side or Top adjust (Model dependent) | | **Power Rating** | Typically 0.25W to 0.5W at 70°C | | **Tolerance** | $\pm 10\%$ (Standard) | --- ### 2. Key Internal Components The 4MP502 is composed of several critical electronic and mechanical parts: 1. **Cermet Element:** A thick film of conductive ink (metal-oxide) fired onto a ceramic substrate. This provides high stability and a low temperature coefficient. 2. **Wiper:** A metal contact that moves across the cermet element. As the wiper moves, the resistance between the center pin and the end pins changes. 3. **Adjustment Screw:** A mechanical interface that allows a technician to rotate the wiper. These are often "multi-turn" (e.g., 12 or 25 turns) to allow for extremely high precision. 4. **Terminals:** Three lead pins designed for through-hole soldering on a Printed Circuit Board (PCB). --- ### 3. Pinout Configuration A standard 502 Trimpot features three pins, usually arranged in a line or a triangle: * **Pin 1 & 3:** The ends of the resistive element (Total resistance remains constant at $5k\Omega$). * **Pin 2 (Center):** The "Wiper" pin. The resistance between Pin 2 and Pin 1 (or 3) changes as the screw is turned. --- ### 4. Common Applications Due to its precision and $5k\Omega$ value, the 4MP502 is commonly used for: * **Voltage Calibration:** Setting reference voltages in power supplies. * **Sensor Scaling:** Adjusting the output gain of analog sensors. * **LCD Contrast:** Controlling the brightness/contrast of character displays. * **Timing Circuits:** Fine-tuning RC (Resistor-Capacitor) time constants.
    ✨ Follow-up Questions
    • ⤷ How do I read the 3-digit resistance codes for other values like 103 or 204?
    • ⤷ What is the difference between a Cermet and a Carbon potentiometer?
    • ⤷ Can the 4MP502 be used as a variable resistor instead of a voltage divider?