5.0SMDJ-R
AI

The **5.0SMDJ-R Series** refers to a specific family of **Surface Mount Transient Voltage Suppressors (TVS Diodes)**. These components are designed to protect sensitive electronics from voltage spikes caused by lightning, Inductive Load Switching, and Electrostatic Discharge (ESD).
---
## 1. Key Technical Specifications
The "5.0" in the part number indicates the peak pulse power dissipation capability of the device.
| Feature | Specification |
| :--- | :--- |
| **Peak Pulse Power ($P_{PPM}$)** | 5000 Watts (at 10/1000μs waveform) |
| **Package Type** | DO-214AB (SMC) |
| **Voltage Range** | 11V to 440V (Reverse Stand-off Voltage) |
| **Operating Temperature** | -65°C to +150°C |
| **Response Time** | Typically < 1.0ps (from 0V to $V_{BR}$) |
| **Polarity** | Available in Uni-directional and Bi-directional |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in selecting the correct variant for a circuit:
* **5.0**: Represents the 5.0kW power rating.
* **SMDJ**: Series name (Surface Mount Device, high power).
* **[Voltage]**: e.g., 12, 24, 48 (Represents the Working Peak Reverse Voltage).
* **A/CA**:
* **A**: Uni-directional (protects in one direction).
* **CA**: Bi-directional (protects in both directions, common for AC lines).
* **-R**: Indicates compliance with **RoHS** (Lead-free/Green) standards.
---
## 3. How It Works
The TVS diode acts as a high-impedance path during normal operation. When a voltage surge exceeds its breakdown voltage ($V_{BR}$), the device "clamps" the voltage:
1. **Stand-off Voltage ($V_R$):** The maximum voltage at which the diode does not conduct.
2. **Breakdown Voltage ($V_{BR}$):** The point where the diode begins to conduct to ground.
3. **Clamping Voltage ($V_C$):** The maximum voltage the diode allows to pass through to the protected circuit during a surge.
---
## 4. Typical Applications
Because of the high 5000W power rating, these are used in demanding environments:
* **Telecommunications:** Protection for base stations and line cards.
* **Industrial Automation:** Protection for PLC (Programmable Logic Controller) I/O ports.
* **Computing:** High-power servers and data centers.
* **Renewable Energy:** Solar inverters and wind turbine control systems.
---
## 5. Circuit Example
When placing a **5.0SMDJ** in a circuit, it should be placed as close to the entry point (connector) as possible to divert the surge before it reaches internal ICs.
```text
Input (Surge) ----+------> To Sensitive Load
|
[TVS] (5.0SMDJ)
|
Ground -----------+------> Ground
```
- ⤷
What is the difference between the 5.0SMDJ and the standard SMDJ series?
- ⤷ How do I calculate the correct Clamping Voltage for my circuit?
- ⤷ Can this component be used for continuous voltage regulation like a Zener diode?