507T175E0901
AI

The part number **507T175E0901** refers to a high-performance **Micro-D connector** manufactured by **Glenair**. These connectors are specialized versions of subminiature D-style connectors, designed for space-constrained applications requiring extreme reliability.
---
### 1. Technical Specifications
The part number is a coded string that defines the physical and electrical characteristics of the component.
| Feature | Specification |
| :--- | :--- |
| **Series** | 507 (Glenair Micro-D Backshell/Connector series) |
| **Shell Material** | Typically Aluminum Alloy or Stainless Steel |
| **Contact Type** | Pin or Socket (Determined by the 'E' designator) |
| **Position Count** | 9 Contacts (indicated by '09') |
| **Mounting Style** | Termination/Hardware specific (T175 code) |
| **Plating** | Electroless Nickel or Gold (Standard for aerospace) |
---
### 2. Key Electronic Properties
As a Micro-D connector, this part is engineered for specific electrical environments:
* **Current Rating:** Typically **3 Amps** per contact.
* **Dielectric Withstanding Voltage:** Usually **600 VAC** at sea level.
* **Insulation Resistance:** 5000 Megohms minimum.
* **Contact Resistance:** Low millivolt drop (typically < 8mΩ) due to the **TwistPin** contact system.
* **Operating Temperature:** Rated for extreme ranges, often **-55°C to +150°C**.
---
### 3. Design and Application
The 507T series often includes an **integrated backshell**, which provides several advantages:
1. **EMI/RFI Shielding:** The metal housing protects sensitive signals from electromagnetic interference.
2. **Strain Relief:** Prevents wire damage during high vibration or mechanical shock.
3. **Miniaturization:** Provides 0.050 inch (1.27 mm) contact spacing, which is roughly half the size of a standard D-Sub connector.
#### Common Industries:
* **Aerospace:** Used in flight control systems and cockpit electronics.
* **Defense:** Integrated into handheld tactical radios and missile guidance systems.
* **Space:** Utilized in satellite instrumentation due to low outgassing properties.
---
### 4. Comparison: Micro-D vs. Standard D-Sub
| Feature | Micro-D (507 Series) | Standard D-Sub |
| :--- | :--- | :--- |
| **Pitch** | 0.050" (1.27 mm) | 0.109" (2.77 mm) |
| **Weight** | Ultralight | Moderate |
| **Durability** | High (Military Grade) | Consumer/Industrial Grade |
| **Locking** | Jackscrews | Friction or Screws |
- ⤷What is the specific wiring configuration for the 0901 suffix?
- ⤷ Can this connector be used in vacuum environments?
- ⤷ What are the alternative plating options for the 507 series?