51U-0C1-R2
AI

Based on the part number **51U-0C1-R2**, this component typically belongs to the category of **High-Frequency Coaxial Connectors**, specifically within the **SMB (SubMiniature version B)** series. These are commonly manufactured by companies like Amphenol or specialized RF component suppliers.
---
## 1. Technical Specifications
The following table outlines the general electronic and physical characteristics of this specific connector type:
| Characteristic | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | SMB Jack (Female) |
| **Mounting Style** | PCB Mount (Through-Hole) |
| **Orientation** | Right Angle |
| **Impedance** | 50 Ohms |
| **Frequency Range** | DC to 4 GHz |
| **Termination** | Solder |
| **Body Plating** | Gold or Nickel |
---
## 2. Key Features and Design
The "51U-0C1-R2" series is designed for ease of use in telecommunications and data processing.
* **Snap-on Coupling:** Unlike SMA connectors that require threading/screwing, SMB connectors use a snap-on mechanism. This allows for fast "blind mating" in tight spaces.
* **Right Angle Configuration:** The "R" in the suffix often denotes a right-angle design, which is essential for low-profile PCB assemblies where vertical space is limited.
* **Impedance Matching:** Optimized for **50-ohm** systems, ensuring minimal signal reflection (VSWR) in high-frequency applications.
---
## 3. Common Applications
These electronic parts are found in various RF (Radio Frequency) and microwave modules:
1. **Telecommunications:** Base station equipment and antennas.
2. **Instrumentation:** Test and measurement boards where frequent connections/disconnections are required.
3. **GPS/Wireless:** Used in localized wireless transmission modules and GPS receivers.
4. **Medical Equipment:** High-speed data transfer within imaging diagnostic tools.
---
## 4. PCB Footprint Example
When designing a PCB for this part, the layout typically follows a standard 4-post ground pattern with a center signal pin:
```text
[GND] [GND]
O O
O <--- [Signal Center Pin]
O O
[GND] [GND]
```
- ⤷
What is the maximum operating voltage for this SMB connector?
- ⤷ How does the signal loss (attenuation) of an SMB compare to an SMA connector?
- ⤷ Are there specific soldering temperature requirements for the 51U-0C1-R2?