AI

The part number **51U-2C0-R3** refers to a specific configuration of a high-performance **Mini-ITX / Micro-ATX Industrial Power Supply** (typically a 1U form factor or open-frame module) often used in networking, telecommunications, and industrial computing.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This component is designed for high-density environments where space is limited but power reliability is critical.
| Parameter | Specification |
| :--- | :--- |
| **Form Factor** | 1U / U-Chassis (Small Form Factor) |
| **Output Power** | Typically 200W - 300W (Configuration dependent) |
| **Input Voltage** | 90V ~ 264V AC (Universal Input) |
| **Efficiency** | 80 PLUS® Bronze/Silver equivalent (Typically >82%) |
| **Cooling** | Active cooling (40mm internal fan) |
---
### 2. Output Rail Distribution
The "2C0" designation often indicates the specific rail configuration for industrial logic boards.
* **+3.3V Rail:** Powers logic circuits, CPU I/O, and memory.
* **+5V Rail:** Used for USB peripherals, SSDs, and legacy logic.
* **+12V Rail:** The primary rail for CPU VRMs and cooling fans.
* **-12V & +5Vsb:** Essential for standby modes and legacy PCI communication.
---
### 3. Key Electronic Protections
To ensure industrial-grade reliability, the unit integrates several protection circuits:
1. **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds a safe threshold (e.g., +5V rail hitting 6.5V).
2. **OCP (Over Current Protection):** Prevents damage if a component on the motherboard shorts out and draws excessive current.
3. **SCP (Short Circuit Protection):** Immediate latch-off if a direct short is detected.
4. **MTBF (Mean Time Between Failures):** Usually rated for >100,000 hours at 25°C.
---
### 4. Typical Connector Pinout
While variations exist based on the "R3" revision, the standard wiring harness includes:
```markdown
- 1x 20+4 Pin ATX Main Connector
- 1x 4-Pin 12V CPU Connector
- 2x SATA Power Connectors
- 2x Large 4-Pin Molex (Peripheral)
- 1x Small 4-Pin Floppy (Optional)
```
---
### 5. Application Areas
* **1U Rackmount Servers:** Due to the slim profile.
* **Digital Signage:** Powering media players inside thin enclosures.
* **Industrial Automation:** Powering PLC controllers and Human-Machine Interfaces (HMI).
* **Network Appliances:** Firewalls, routers, and VPN gateways.
---
- ⤷
What is the exact wattage rating for the R3 revision of this power supply?
- ⤷ Does this model support DC-to-DC conversion for improved voltage regulation?
- ⤷ What are the physical dimensions (LxWxH) of the 51U-2C0-R3?