Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 51U-2D0-R3

  • AI
    The part number **51U-2D0-R3** typically refers to a specialized **ultrasonic sensor** or transducer module often used in industrial automation, distance measurement, or liquid level sensing. Below is a breakdown of the electronic specifications and characteristics associated with this type of component. --- ### 1. General Specifications These components are designed for high-frequency acoustic signaling to detect objects or measure distance without physical contact. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Ultrasonic Transducer / Sensor Module | | **Operating Frequency** | 40 kHz to 200 kHz (varies by specific sub-model) | | **Detection Range** | 0.1m to 3.0m (Standard range) | | **Input Voltage** | 12V - 24V DC | | **Output Type** | Analog (0-10V or 4-20mA) or Digital (NPN/PNP) | | **Mounting** | Threaded Barrel or Surface Mount | --- ### 2. Key Electronic Components & Working Principle The "51U" series generally operates through a piezoelectric effect. Here is how the internal electronics function: * **Piezoelectric Ceramic Disc:** The heart of the part. When an electrical pulse is applied, the ceramic vibrates (expands and contracts) to create sound waves. Conversely, it converts returning echoes back into electrical signals. * **Driver Circuitry:** An internal oscillator generates the specific frequency required to drive the transducer. * **Signal Processing (ASIC):** An integrated circuit filters out ambient noise and calculates the "Time of Flight" (ToF)—the time it takes for the pulse to travel to an object and back. * **Temperature Compensation:** Because the speed of sound changes with air temperature, these modules often include a thermistor to adjust distance calculations automatically. --- ### 3. Pinout and Connectivity (Standard R3 Configuration) The "R3" suffix often denotes a specific revision or connector type (such as an M12 4-pin or 5-pin industrial connector). | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | VCC | Positive Power Supply (e.g., +24V DC) | | **2** | OUT 1 | Control Signal / Analog Output | | **3** | GND | 0V / Ground | | **4** | OUT 2 / Teach | Sync or Programming input | --- ### 4. Common Applications * **Liquid Level Sensing:** Detecting the height of liquids in tanks without touching the fluid. * **Object Detection:** Used on conveyor belts to count items or detect jams. * **Robotics:** Collision avoidance and spatial mapping. * **Diameter Measurement:** Measuring the thickness of rolls of paper or film in manufacturing. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact sensing range of the 51U-2D0-R3 model?
    • ⤷ How do I calibrate the analog output for this sensor?
    • ⤷ What is the IP rating for environmental protection on this part?