51U-2D2-R1
AI

The part number **51U-2D2-R1** typically refers to a specific configuration of an **Electromechanical Power Relay**, often associated with manufacturers like **American Zettler** or specialized industrial component suppliers. These relays are designed for high-current switching and PCB mounting.
Below is a breakdown of the electronic characteristics and technical specifications of this component.
---
### 1. General Specifications
The 51U series is known for its compact size relative to its high power-handling capabilities.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Electromechanical Power Relay |
| **Contact Arrangement** | DPST (2 Form A) or DPDT (2 Form C) |
| **Max Switching Current** | Up to 30A (depending on voltage) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Coil Type** | DC Voltage Operated |
| **RoHS Status** | Compliant (indicated by -R1 suffix) |
---
### 2. Part Number Breakdown
While manufacturer coding can vary slightly, the "51U-2D2-R1" designation generally follows this logic:
* **51U**: The base series designation (High-power miniature relay).
* **2**: Often indicates the number of poles (Double Pole).
* **D2**: Represents the coil sensitivity or coil voltage (commonly 12VDC or 24VDC depending on the sub-catalog).
* **R1**: Usually denotes specific contact material (like Silver Tin Oxide) or environmental compliance (RoHS).
---
### 3. Key Electronic Components & Materials
* **The Coil:** A copper winding that creates an electromagnetic field when energized. In the 51U series, these are designed for low power consumption to prevent overheating on the PCB.
* **The Contacts:** Usually made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for its excellent resistance to "welding" and material transfer when switching heavy inductive or resistive loads.
* **The Housing:** Constructed from high-temperature, flame-retardant plastic (UL 94V-0 rated) to withstand wave soldering temperatures.
---
### 4. Applications
Due to its high amperage rating, this part is commonly used in:
1. **HVAC Systems:** Controlling compressors and fan motors.
2. **Industrial Controls:** Switching heavy solenoids or heaters.
3. **Power Supplies:** Used as a safety disconnect or high-current path selector.
4. **Home Appliances:** High-load switching in washing machines or dryers.
---
### 5. Technical Precautions
* **Arcing:** When switching high DC currents, internal arcing can occur. Ensure the circuit includes proper suppression if switching inductive loads.
* **Heat Dissipation:** Although PCB mounted, at 30A, the traces on the PCB must be sufficiently wide and thick to handle the current without melting.
- ⤷
What is the exact coil voltage for the D2 variant of this relay?
- ⤷ Can this relay be used for switching AC and DC loads interchangeably?
- ⤷ What are the physical dimensions and pin layout for PCB footprinting?