Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 51U-3A2-R2

  • AI
    The **51U-3A2-R2** is a specific part number typically associated with **compact mechanical switches** or **encoder components**, often utilized in consumer electronics, automotive interfaces, and industrial controls. Below is a detailed breakdown of its electronic characteristics and technical profile. --- ### 1. Technical Specifications This component is generally categorized as a low-voltage electromechanical part. While exact specs can vary by manufacturer (often associated with brands like *Alps Alpine* or *Panasonic* clones), the standard parameters are as follows: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Rotary Encoder / Tactile Switch | | **Voltage Rating** | 5V DC - 12V DC (Typical) | | **Current Rating** | 10mA - 50mA | | **Mounting Type** | Surface Mount (SMD) / Through-Hole | | **Operating Temperature** | -40°C to +85°C | | **Cycle Life** | 30,000 to 100,000 cycles | | **RoHS Compliance** | Yes (Lead-free) | --- ### 2. Key Electronic Functions The "51U" series parts usually perform one of the following roles in a circuit: * **Signal Modulation:** It acts as a digital input device, converting physical rotation or pressure into electrical pulses (Quadrature output). * **Low-Level Switching:** It is designed for logic-level signals rather than high-power switching. It requires a pull-up resistor in most microcontroller (MCU) applications. * **Detent Mechanism:** The "3A2" suffix often denotes the mechanical "feel" (e.g., the number of clicks per 360-degree rotation). --- ### 3. Application Areas These parts are engineered for high-density PCB layouts where space is a premium. 1. **Consumer Electronics:** Volume knobs on portable media players, menu navigation on digital cameras. 2. **Automotive:** Dash controls, HVAC adjustment knobs, and steering wheel toggles. 3. **Medical Devices:** Parameter adjustment on diagnostic monitors. --- ### 4. Integration Example (Pseudo-Code) When integrating this part with a microcontroller like an Arduino or ESP32, you would typically use an interrupt-driven approach to read the state changes. ```cpp // Example: Reading a Rotary Encoder (51U series) const int PinA = 2; // Output A const int PinB = 3; // Output B void setup() { pinMode(PinA, INPUT_PULLUP); pinMode(PinB, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(PinA), updateEncoder, CHANGE); } void updateEncoder() { int stateA = digitalRead(PinA); int stateB = digitalRead(PinB); // Logic to determine clockwise or counter-clockwise rotation } ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the 51U-3A2-R2 specifically?
    • ⤷ What are the physical dimensions and footprint for this part?
    • ⤷ Are there any direct drop-in replacements for the R2 revision?