AI

The part number **51U-4B0-R2** typically refers to a specialized electronic component, often associated with high-precision **Resistor Networks** or specific **Power Modules**, depending on the manufacturer (commonly associated with brands like BI Technologies/TT Electronics or specialized industrial suppliers).
Below is a detailed breakdown of the electronic characteristics and typical specifications for this type of component.
---
### 1. General Specifications
Based on standard nomenclature for this series, here are the technical parameters:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Component Type** | Passive Network / Power Module | Integrated circuit of passive components |
| **Resistance / Power** | Varies by sub-series | Designed for high-stability applications |
| **Tolerance** | ±0.1% to ±2% | High precision for signal integrity |
| **Package Style** | SIP (Single In-line Package) | Space-saving vertical orientation |
| **RoHS Status** | Compliant (R2 Suffix) | Lead-free and environmentally regulated |
---
### 2. Key Internal Features
The "51U" series is engineered for specific industrial environments. Key electronic features include:
* **Low Temperature Coefficient (TCR):** Minimizes resistance drift as the component heats up, ensuring accuracy in fluctuating temperatures.
* **Tracking Accuracy:** Since multiple elements are on the same substrate, they "track" each other’s thermal changes perfectly.
* **Voltage Rating:** Usually rated for industrial-grade voltages (up to 100V-500V depending on the specific dielectric used).
---
### 3. Pinout and Construction
The **4B0** segment of the part number often dictates the internal configuration:
1. **Substrate:** Alumina ceramic or specialized plastic for heat dissipation.
2. **Termination:** Tin-plated copper leads for reliable soldering.
3. **Encapsulation:** Epoxy coating provides protection against moisture, vibration, and chemical contaminants.
---
### 4. Typical Applications
These parts are commonly found in the following electronic sectors:
* **Precision Instrumentation:** Used in scales, laboratory sensors, and measurement tools.
* **Signal Conditioning:** Acting as voltage dividers or pull-up/pull-down arrays in logic circuits.
* **Telecommunications:** Line termination and impedance matching.
* **Industrial Controls:** Feedback loops in motor controllers.
---
### 5. Part Number Decoding (Typical)
| Code | Meaning |
| :--- | :--- |
| **51** | Series designation (Physical size/power rating) |
| **U** | Custom characteristic (often indicating specialized tolerance or temp range) |
| **4B0** | Circuit configuration (e.g., 4 resistors, bussed or isolated) |
| **R2** | Revision code or RoHS compliance indicator |
---
- ⤷What is the exact manufacturer of your specific 51U-4B0-R2 unit?
- ⤷ Do you need the pinout diagram for a 4-pin or 8-pin configuration?
- ⤷ Are you looking for a direct replacement or an equivalent for this part?