Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 51U-4D0-R2

  • AI
    The part number **51U-4D0-R2** typically refers to a specialized **DC-DC Converter** or an **Industrial Power Module**, often associated with brands like *Vicor* (in their legacy configurations) or specific industrial power supply manufacturers. Below is a detailed breakdown of the electronic characteristics and technical specifications generally associated with this component type. --- ## 1. Technical Specifications This module is designed for high-density power conversion in telecommunications and industrial automation. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (Standard 48V Bus) | | **Output Voltage** | 5.0V DC | | **Current Rating** | Up to 40A (depending on cooling) | | **Efficiency** | 88% - 92% | | **Isolation** | 1500V - 2250V DC | | **Form Factor** | Half-Brick or Full-Brick Package | --- ## 2. Component Architecture The internal circuitry of a "51U" series module usually consists of the following stages: ### A. Input Filter Stage * **Purpose:** Suppresses electromagnetic interference (EMI) and protects against voltage spikes. * **Components:** Inductors and high-capacitance ceramic capacitors. ### B. Power Switching (MOSFETs) * **Function:** High-frequency switching (usually 300kHz+) to convert DC input into high-frequency AC for the transformer. * **Technology:** Uses Zero-Voltage Switching (ZVS) or Zero-Current Switching (ZCS) to minimize thermal loss. ### C. Isolation Transformer * Provides the galvanic isolation between the input (48V side) and output (5V side), ensuring safety for downstream digital electronics. ### D. Output Rectification & Smoothing * **Synchronous Rectification:** Uses MOSFETs instead of diodes to reduce voltage drops and heat. * **LC Filter:** Smooths the output to ensure low ripple and noise. --- ## 3. Pinout and Control Features Most modules in this category feature a standard pin configuration: 1. **+Vin / -Vin:** Primary DC input power. 2. **Remote ON/OFF (Enable):** Logic-level control to shut down the module remotely. 3. **+Vout / -Vout:** Regulated DC output. 4. **Trim:** Allows the user to adjust the output voltage (e.g., from 4.5V to 5.5V) using an external resistor. 5. **Sense (+/-):** Compensates for voltage drops across long PCB traces to ensure precision at the load. --- ## 4. Common Applications * **Telecommunications:** Powering base stations and network routers. * **Computing:** Serving as an Intermediate Bus Converter (IBC). * **Industrial:** Powering PLC controllers and sensors in noisy environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the 51U-4D0-R2 module?
    • ⤷ How do I calculate the external resistor value for the Trim pin?
    • ⤷ What are the thermal derating requirements for this part at high temperatures?