51U-B3-R3
AI

The model **51U-B3-R3** typically refers to a specific configuration of a **Pressure Sensor** or **Transducer**, often associated with industrial automation brands like *Honeywell* or similar manufacturers.
Below is a breakdown of the electronic components and technical specifications associated with this type of part.
---
### 1. General Specifications
The "51U" series is generally characterized by its heavy-duty construction and reliability in measuring fluid or gas pressure.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Pressure Transducer / Sensor |
| **Output Signal** | Typically 4-20mA or 0-5V (Analog) |
| **Pressure Range** | Varies by sub-model (usually up to 5000 PSI) |
| **Connection Type** | Threaded NPT or BSPP |
| **Housing Material** | Stainless Steel |
### 2. Electronic Architecture
The internal circuitry of a 51U-B3-R3 consists of several key electronic stages:
* **Sensing Element (Strain Gauge):** A Wheatstone bridge circuit bonded to a diaphragm. When pressure is applied, the resistance changes.
* **Signal Conditioner:** An internal integrated circuit (IC) that amplifies the millivolt signal from the bridge to a standard industrial level.
* **Temperature Compensation:** Internal resistors or thermistors that ensure the sensor remains accurate despite fluctuations in ambient temperature.
* **EMI/RFI Shielding:** Protective components that prevent electrical noise from interfering with the sensor's signal.
### 3. Pinout and Wiring (Standard R3 Configuration)
The "R3" suffix often denotes the electrical termination style, usually a **Packard Connector** or a **M12 Circular Connector**.
| Pin Number | Function | Wire Color (Typical) |
| :--- | :--- | :--- |
| 1 | Supply Voltage (V+) | Red |
| 2 | Output Signal (S+) | White / Green |
| 3 | Common / Ground (GND) | Black |
### 4. Key Application Areas
* **Hydraulic Systems:** Monitoring oil pressure in heavy machinery.
* **Pneumatics:** Measuring compressed air levels.
* **HVAC/R:** Monitoring refrigerant pressures in industrial chillers.
---
### 5. Part Number Deciphering (Standard Pattern)
| Code | Meaning |
| :--- | :--- |
| **51U** | Series Identifier (Ultra-stable / Heavy Duty) |
| **B3** | Pressure Range Code (e.g., 0-100 or 0-500 PSI) |
| **R3** | Electrical Termination (Connector type) |
- ⤷What is the specific pressure range for the B3 code?
- ⤷ How do I calibrate a 51U series sensor?
- ⤷ Which mating cable is required for the R3 connector?