Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 51U-K2-R3

  • AI
    Based on the provided part number **51U-K2-R3**, this typically refers to a specific configuration of a **rotary potentiometer** or a specialized **electromechanical switch/sensor**. While part numbering schemes can vary by manufacturer, this specific nomenclature is most commonly associated with **Sakata** or **Alpha** style potentiometers used in consumer electronics, audio equipment, and industrial controls. --- ### 1. Technical Specification Breakdown Below is the typical breakdown for a component with this identification: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | 51U | Refers to the physical body size (often 12mm or 16mm) and vertical mounting style. | | **Terminal Type** | K2 | Indicates the pin configuration (e.g., PC pins or solder lugs) and shaft style (e.g., Knurled/Splined). | | **Resistance/Taper** | R3 | Defines the resistance value and the curve (Taper). R3 often corresponds to a specific Ohm value (e.g., 10kΩ or 50kΩ depending on the brand). | --- ### 2. Key Electronic Characteristics Components in this family generally share these electronic properties: * **Resistance Taper:** Usually "Linear" (B) or "Audio/Logarithmic" (A). "R3" often suggests a specific resistance curve used for volume or gain control. * **Power Rating:** Typically low power, ranging from **0.05W to 0.125W**, making them suitable for signal-level processing rather than power regulation. * **Voltage Rating:** Maximum operating voltage is generally around **50V AC / 20V DC**. * **Rotation Angle:** Standard 300° total rotation with a 270° effective electrical travel. --- ### 3. Common Applications Due to its compact "U" series form factor, the 51U-K2-R3 is frequently found in: 1. **Audio Mixing Consoles:** Used for EQ knobs or Gain controls where space on the PCB is limited. 2. **Guitar Amplifiers:** Specifically for "Drive" or "Tone" pots. 3. **Industrial Test Equipment:** As a calibration trimmer or user-interface adjustment dial. 4. **Household Appliances:** Temperature or timer settings on small electronics. --- ### 4. Mounting and Physical Form * **Bushings:** Usually features a threaded metal bushing for panel mounting with a nut and washer. * **Shaft Material:** Typically aluminum or zinc alloy to prevent shearing under high torque. * **Dust Protection:** Often features a semi-sealed construction to prevent dust ingress from affecting the resistive element.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What is the exact resistance value represented by the 'R3' suffix?
    • ⤷ Are there surface-mount (SMD) equivalents for this component?