5220-DS01-R
AI

The **5220-DS01-R** is a specific part number typically associated with **PUI Audio**, a major manufacturer of acoustic components. This specific model belongs to their line of **dynamic receivers**, which are specialized speakers designed for use close to the human ear (such as in telephone handsets or headsets).
---
### 1. Component Overview
The 5220-DS01-R is a miniature dynamic receiver designed to convert electrical signals into audible sound waves. Unlike standard loudspeakers, receivers are optimized for "near-field" listening.
| Property | Specification |
| :--- | :--- |
| **Type** | Dynamic Receiver |
| **Technology** | Moving Coil (Magnetic) |
| **Shape** | Circular |
| **Diameter** | 20 mm |
| **Height** | 5.2 mm |
| **Termination** | Solder Pads / Lead Wires |
---
### 2. Technical Specifications
The electrical characteristics are critical for matching the part with an audio amplifier or driver circuit.
* **Impedance:** Typically **32 Ohms** (Standard for communication devices).
* **Rated Input Power:** Usually around **10mW to 30mW**.
* **Frequency Range:** Optimized for the human voice range (approx. 300 Hz to 3.4 kHz), though it can often handle up to 7 kHz.
* **Sound Pressure Level (SPL):** High sensitivity to ensure clear audio at low power levels.
---
### 3. Key Electronic Features
* **RoHS Compliant:** The "-R" suffix at the end of the part number indicates that the component is compliant with **RoHS** (Restriction of Hazardous Substances) standards.
* **Internal Magnet:** Uses a high-performance permanent magnet (often Neodymium) to maximize efficiency in a small footprint.
* **Diaphragm:** Constructed from lightweight Mylar or similar polymers to ensure rapid response to electrical impulses.
---
### 4. Common Applications
Due to its size and impedance profile, the 5220-DS01-R is found in:
1. **Telecommunications:** Landline handsets and VoIP phones.
2. **Medical Devices:** Diagnostic equipment with voice prompts or hearing assistance.
3. **Security Systems:** Intercoms and entry-access control panels.
4. **Handheld Terminals:** Scanning devices or mobile point-of-sale (POS) systems.
---
### 5. Installation Note
When integrating this part into a PCB or housing:
* **Polarity:** Pay attention to the "+" and "-" markings on the solder pads to ensure the phase of the sound is correct.
* **Acoustic Sealing:** To achieve the best frequency response, the front of the receiver should be sealed against the housing to prevent "acoustic short-circuiting" (where sound from the back cancels sound from the front).
- ⤷
What is the difference between a 'receiver' and a 'speaker' in electronics?
- ⤷ What are the specific soldering temperature requirements for the 5220-DS01-R?
- ⤷ How do I calculate the required amplifier power for a 32 Ohm receiver?