5220-DS02-R
AI

The **5220-DS02-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) commonly manufactured by companies like **PUI Audio** or similar electronic hardware suppliers. It is designed to provide physical feedback to a user when pressed.
---
### 1. General Specifications
Based on standard industry data for this part number, here are the technical characteristics:
| Property | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Actuation Force** | Usually 160gf to 260gf (Grams-force) |
| **Contact Rating** | 50mA @ 12VDC (Typical) |
| **Operating Life** | ~100,000 to 500,000 cycles |
| **Contact Material** | Silver Plated |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Physical Construction
The part is engineered for automated assembly and durability:
* **Seal/Protection:** The "DS" in the suffix often indicates a specific seal type or dust protection, making it suitable for environments where particles might interfere with electrical contacts.
* **Actuator:** Usually a short travel button made of high-temperature plastic (LCP or Nylon) to withstand reflow soldering.
* **Terminals:** Gull-wing or J-bend leads designed for PCB surface mounting.
---
### 3. Key Applications
These switches are found in various consumer and industrial electronics:
1. **Consumer Electronics:** Power buttons on cameras, volume controls on Bluetooth speakers, and interface buttons on smart home devices.
2. **Medical Devices:** Handheld diagnostic tools requiring tactile user confirmation.
3. **Industrial Controls:** Reset buttons on PCBs or configuration switches inside control panels.
---
### 4. Interpretation of the Part Suffixes
* **5220:** The base series/model number defining the footprint and height.
* **DS:** Often refers to **D**ust-proof or **S**ealed characteristics.
* **02:** Can represent the specific height of the actuator (e.g., 2.0mm or 2.5mm).
* **-R:** Strictly denotes **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated pick-and-place machines.
---
- ⤷
What are the exact dimensions/footprint for the 5220-DS02-R?
- ⤷ What is the recommended solder reflow profile for this SMD switch?
- ⤷ Are there waterproof (IP67) alternatives to this specific model?