Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 5373C

  • AI
    The **5373C** is most commonly identified as a high-performance **Microwave Universal Counter** (specifically the Agilent/HP 5373C), designed for time and frequency modulation analysis. Below is a breakdown of its core electronic architecture and components. --- ### 1. Core System Architecture The 5373C is built to measure high-frequency signals with extreme precision. Its internal circuitry is divided into three primary functional blocks: | Block | Function | Key Components | | :--- | :--- | :--- | | **RF Front-End** | Handles signal conditioning and down-conversion. | High-speed comparators, prescalers, and input protection diodes. | | **Time-to-Digital Converter (TDC)** | The "heart" of the device; captures timing events. | Custom Gate Arrays (ASICs) and high-speed interpolators. | | **Processing & Control** | Manages data calculation and user interface. | Microprocessor (Motorola 68000 series typically), RAM, and ROM/EPROM. | --- ### 2. Key Electronic Parts and Sub-assemblies #### A. Input Circuitry (Channels A, B, and C) * **Channel A & B:** These are usually DC-coupled or AC-coupled inputs with high-speed **Schmitt triggers**. They use FET-input op-amps to provide high input impedance (1 MΩ) or 50 Ω termination. * **Channel C (Optional):** A microwave input that uses a **Sampling Mixer** or **Prescaler IC** to divide high-frequency signals down to a range the internal counter can handle (up to 26.5 GHz in some configurations). #### B. The Timebase (Frequency Reference) * **OCXO (Oven Controlled Crystal Oscillator):** This provides the "clock" for all measurements. It is a quartz crystal housed in a heated chamber to maintain a constant temperature, minimizing frequency drift. * **Phase-Locked Loop (PLL):** Used to synchronize the internal high-speed sampling clocks with the reference frequency. #### C. Power Supply Unit (PSU) * The device uses a **Switch-Mode Power Supply (SMPS)** combined with linear regulators. * **Filtering:** Large electrolytic capacitors and LC filters are used to ensure "clean" DC power, which is critical for minimizing jitter in the time-to-digital conversion. --- ### 3. Component Characteristics Table | Component Type | Part Category | Purpose in 5373C | | :--- | :--- | :--- | | **Active** | High-speed ECL Logic | Used for ultra-fast signal switching and gating. | | **Passive** | Precision Thin-film Resistors | Ensures stable gain in the input amplifiers. | | **Display** | CRT or Vacuum Fluorescent | Visual output for frequency/modulation graphs. | | **Interface** | HP-IB (GPIB) Controller | Allows automated testing via remote commands. | --- ### 4. Signal Processing Path 1. **Conditioning:** The raw input signal is leveled and converted into a square wave. 2. **Gating:** A precise "window" of time is opened based on the reference clock. 3. **Interpolation:** Because the clock cannot be infinitely fast, "interpolator" circuits measure the tiny gaps between the signal edge and the clock edge to increase resolution. 4. **Display:** The microprocessor calculates the frequency ($f = 1/T$) and displays the results.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the 5373C?
    • ⤷ How does the 'Time Interval' measurement differ from standard frequency counting?
    • ⤷ Which components are most likely to fail in an older 5373C unit?