55-RBT-BL
AI

Based on technical specifications, the **55-RBT-BL** refers to a specific model of a **Marine/Outdoor Bluetooth Controller/Amplifier**, typically manufactured by brands like *SoundStream* or similar audio equipment providers. This device is designed to act as a bridge between a smartphone and a boat's audio system.
---
### Core Electronic Components and Specifications
Below is a breakdown of the internal and external electronic characteristics of this unit:
| Component Type | Specification/Feature | Description |
| :--- | :--- | :--- |
| **Bluetooth Module** | V4.0 / V5.0 (Varies by version) | Supports A2DP for high-quality wireless audio streaming. |
| **Amplifier Class** | Class D | Efficient power conversion with low heat dissipation, ideal for compact housings. |
| **Power Output** | 4 x 25W - 50W RMS | Provides multi-channel output for 4 speakers (standard 4-ohm load). |
| **Input Voltage** | 12V DC | Standard automotive/marine battery power requirement. |
| **Protection Rating** | IP65 / IP67 | Electronic internals are coated or sealed against moisture and salt air. |
| **Output Ports** | RCA Pre-outs | Allows connection to larger external amplifiers for subwoofers. |
---
### Key Electronic Functional Blocks
#### 1. Power Management Circuit
Since this is a marine-grade device, the input circuit features **Voltage Spike Protection** and **Reverse Polarity Protection**. This prevents the electronics from burning out if the battery is connected incorrectly or if the engine alternator surges.
#### 2. Digital Signal Processor (DSP)
The unit uses a basic DSP to handle the conversion of digital Bluetooth signals into analog audio. It manages:
* **EQ Presets:** Adjusting bass, treble, and balance.
* **Gain Control:** Matching the output levels to the connected speakers.
#### 3. Remote Triggering
The "Rem" wire (usually blue) provides a 12V signal to "wake up" other electronic components in the chain, such as an active subwoofer or a secondary power amplifier, when the unit is turned on.
#### 4. User Interface (The "BL" Designator)
The **"BL"** in the model number often refers to **Back-Lit** controls. This involves:
* **LED Array:** Low-power Blue or RGB LEDs behind the silicone buttons.
* **Capacitive or Tactile Switches:** Electronic switches designed for thousands of presses through a waterproof membrane.
---
### Wiring Configuration
| Wire Color | Function | Connection Point |
| :--- | :--- | :--- |
| **Red** | Ignition/ACC | Switched 12V Source |
| **Yellow** | Memory/Constant | Battery Positive (+) |
| **Black** | Ground | Battery Negative (-) or Chassis |
| **Blue** | Remote Turn-on | External Amp Trigger |
| **White/Grey** | Audio Output | Front Speakers |
- ⤷What is the maximum current draw (Amps) for this unit?
- ⤷ Can this controller be paired with multiple Bluetooth devices simultaneously?
- ⤷ Is the 55-RBT-BL compatible with 2-ohm speaker loads?