561-R1032.5
AI

The part number **561-R1032.5** typically refers to a standard electronic hardware component, specifically a **nylon round spacer** or standoff, manufactured by companies like **Eagle Plastic Devices** or **Mouser Electronics** sourcing.
---
## Technical Specifications
Based on the standard nomenclature for this series, here are the physical and technical attributes:
| Feature | Specification |
| :--- | :--- |
| **Material** | Nylon 6/6 |
| **Inside Diameter (ID)** | 0.194" (Fits #10 screw) |
| **Outside Diameter (OD)** | 0.312" (5/16") |
| **Length** | 0.250" (1/4") |
| **Color** | Natural (White/Off-white) |
| **Flammability Rating** | UL 94V-2 |
---
## Component Breakdown
The part number follows a specific logic used by electronic hardware manufacturers:
1. **561**: The prefix usually denotes the manufacturer's category for plastic/nylon spacers.
2. **R**: Stands for **Round** (referring to the outer shape).
3. **10**: Indicates the screw size compatibility (Size #10).
4. **32.5**: Relates to the decimal length or specific inner diameter/clearance variant.
---
## Function and Applications
As a passive electronic component, it serves several mechanical functions within an enclosure or PCB assembly:
* **Electrical Insulation:** Since it is made of Nylon 6/6, it provides high dielectric strength, ensuring that two components (like a PCB and a metal chassis) are separated and not electrically shorted.
* **Thermal Isolation:** Nylon has low thermal conductivity, helping to prevent heat transfer between stacked boards.
* **Mechanical Clearance:** Used to create space for airflow, large surface-mount components, or to prevent vibration-induced contact between boards.
### Common Use Cases:
* Mounting a motherboard to a computer case.
* Stacking daughterboards (shields) on top of a main controller.
* Providing clearance for wire routing beneath a mounted plate.
---
- ⤷What are the maximum temperature limits for Nylon 6/6 spacers?
- ⤷ Are there metallic versions of this part available for grounding purposes?
- ⤷ How does the ID (Inside Diameter) change for a #6 or #8 screw size in this series?