5611-R
AI

The **5611-R** typically refers to a specific type of **high-precision atmospheric pressure sensor** (often the MS5611-01BA03 variant) commonly used in aerospace, drone technology (altimeters), and weather stations.
---
## 1. Technical Specifications
The 5611-R is a high-resolution barometric pressure sensor with an I2C and SPI interface. Below are the primary technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Operating Voltage** | 1.8V to 3.6V |
| **Pressure Range** | 10 to 1200 mbar |
| **Altitude Resolution** | ~10 cm (at highest oversampling) |
| **Communication Protocols** | I2C (up to 20 MHz) / SPI |
| **Current Consumption** | 0.6 µA (Standby < 0.15 µA) |
| **Response Time** | 0.5 ms to 8.22 ms (selectable) |
---
## 2. Key Components & Architecture
The sensor is a complex Micro-Electro-Mechanical System (MEMS) consisting of several internal stages:
### A. MEMS Pressure Sensor
A silicon micromachined pressure sensor (piezoresistive) that acts as the primary transducer, converting mechanical pressure into a differential voltage.
### B. High-Resolution ADC
It features a 24-bit Sigma-Delta Analog-to-Digital Converter. This allows the sensor to detect minute changes in pressure, which translates to very accurate altitude readings.
### C. Internal Memory (PROM)
Every 5611-R chip contains factory-calibrated coefficients stored in a **Read-Only Memory (PROM)**. These 6 coefficients are unique to each chip and must be read by the microcontroller to calculate temperature-compensated pressure.
---
## 3. Communication Interface
The device supports two wiring modes. Selection is usually made via the **PS (Protocol Select)** pin.
```cpp
// Example: Basic I2C Initialization Logic
void setup() {
Wire.begin();
resetSensor(); // Resets the internal ADC
readCalibration(); // Reads the 6 PROM coefficients
}
```
---
## 4. Common Applications
* **Drones & UAVs:** Used as an altimeter for stable hovering and altitude hold.
* **Variometers:** Used by paragliders to detect climb/sink rates.
* **Weather Stations:** For localized barometric pressure monitoring.
* **Indoor Navigation:** Assisting GPS by identifying which floor of a building a user is on.
---
- ⤷
How do you calculate altitude using the 5611-R pressure data?
- ⤷ What is the difference between the MS5611 and the BMP280 sensors?
- ⤷ How do you wire a 5611-R to an Arduino or ESP32?