Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 5681-15-R

  • AI
    The part number **5681-15-R** typically refers to a high-quality **RF (Radio Frequency) Attenuator** or a specialized **Electronic Connector/Hardware** component, often manufactured by companies like *API Technologies (Inmet)* or *Pomona Electronics*, depending on the specific catalog context. Below is a breakdown of the technical specifications and characteristics generally associated with this part series. --- ### 1. Technical Specifications This component is designed for signal processing in high-frequency environments. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Frequency Range** | DC to 12.4 GHz (or up to 18 GHz depending on series) | | **Attenuation Value** | 15 dB | | **Impedance** | 50 Ohms | | **Connector Type** | SMA (Male to Female) | | **Power Rating** | 2 Watts (Average) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Key Internal Parts & Materials The construction of the 5681-15-R is engineered for durability and electrical stability: * **Housing/Body:** Usually made of **Stainless Steel** or passivated steel to ensure durability and shielding against EMI (Electromagnetic Interference). * **Dielectric:** High-grade **PTFE (Teflon)** is used to maintain constant impedance across the frequency range. * **Resistive Element:** A thin-film or thick-film ceramic resistor chip that converts excess signal energy into heat. * **Contacts:** Beryllium Copper or Brass, typically **Gold-Plated** to ensure low contact resistance and prevent oxidation. --- ### 3. Function and Application The primary purpose of the **15 dB** attenuation is to reduce the power of an electrical signal without distorting its waveform. #### Primary Uses: 1. **Level Control:** Reducing signal strength to prevent overloading sensitive measurement equipment (like Spectrum Analyzers). 2. **Impedance Matching:** Improving the "match" between a source and a load to reduce signal reflections (VSWR). 3. **Isolation:** Providing a buffer between different stages of an RF circuit. --- ### 4. Meaning of the Suffixes * **5681:** The base model/series number (Standard SMA Attenuator). * **15:** Represents the **Decibel (dB)** value. This part reduces the signal power by 15 decibels. * **-R:** Generally stands for **RoHS Compliant**, meaning the part is manufactured without hazardous substances like lead.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the 5681-15-R before damage occurs?
    • ⤷ How does the VSWR rating of this attenuator affect signal integrity?
    • ⤷ Are there alternative connector types available for this specific dB value?