5960-64-R
AI

The **5960-64-R** typically refers to a high-performance **High-Voltage Rectifier Diode** or a specific **Current Sense Resistor** series, depending on the manufacturer (most commonly associated with high-reliability power electronics like those from Ohmite or specialized diode manufacturers).
Below is a technical breakdown of the characteristics associated with this part number.
---
### 1. General Specifications
While specifications can vary slightly by manufacturer, components under this numbering scheme generally fall into the **Passive/Power Component** category.
| Feature | Typical Specification |
| :--- | :--- |
| **Component Type** | Power Resistor / Rectifier |
| **Mounting Type** | Surface Mount (SMD) or Axial |
| **Tolerance** | ±1% to ±5% |
| **Operating Temperature** | -55°C to +155°C |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Technical Attributes
#### A. The "-R" Suffix
In the electronics industry, the **-R** suffix almost universally signifies:
* **RoHS Compliance:** The part is lead-free and meets environmental safety standards.
* **Packaging:** In some contexts, it indicates the part is supplied on a **Reel** for automated assembly.
#### B. Power Handling
Parts in the 5960 series are designed for **Industrial and Power applications**. They are engineered to handle high thermal loads. If it is a resistor, it is likely a "Shunt" or "Current Sense" resistor used to monitor current flow in a circuit by measuring the voltage drop across it.
#### C. Typical Applications
* **Power Supplies:** Used in the rectification stage or for feedback loops.
* **Motor Controllers:** Monitoring the current drawn by industrial motors.
* **Automotive Electronics:** Handling high-current battery management systems.
---
### 3. Identification Guide
To confirm the exact datasheet for your specific "5960-64-R", check the manufacturer logo on the body of the component:
| Manufacturer | Likely Part Type |
| :--- | :--- |
| **Ohmite / Vishay** | Current Sense Resistor (Low ohmic value) |
| **API Delevan** | Inductor / Choke |
| **Bourns** | High-power Resistor |
---
### 4. Code Representation (Example usage in Circuit Analysis)
If you are simulating this part in a SPICE environment, it would be represented as follows:
```spice
* Example SPICE model for a 5960 series resistor
R_Sense 1 2 0.010 ; 10mOhm Current Sense Resistor
.MODEL R_5960 RES (TC1=0.0001 TC2=0.000001)
```
- ⤷
Who is the specific manufacturer of your 5960-64-R component?
- ⤷ Are you looking for a replacement/equivalent part?
- ⤷ Do you need the specific pinout or footprint dimensions?