5HF1.25-R
AI

The **5HF1.25-R** is a specific model of a subminiature, fast-acting ceramic tube fuse. It is commonly used in industrial and consumer electronics to protect sensitive components from overcurrent conditions.
---
### 1. Key Technical Specifications
The part number follows the Bel Fuse naming convention. Below are the primary technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 1.25 Amperes |
| **Voltage Rating (AC)** | 250 Volts |
| **Fuse Characteristic** | Fast-Acting (Quick Acting) |
| **Body Material** | Ceramic |
| **Mounting Type** | Through-Hole (Radial Leaded) |
| **Interrupting Rating** | 1500A @ 250V AC |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Dimensions and Design
The "5HF" series is known for its compact, vertical form factor.
* **Form Factor:** 5x20mm equivalent performance, but often configured with radial leads for direct PCB mounting.
* **Construction:** The ceramic body provides high breaking capacity (interrupting rating), meaning it can safely extinguish an arc even during a significant short circuit.
* **Termination:** Pigtail/Radial leads allow the fuse to be soldered directly to the board, eliminating the need for a separate fuse clip or holder.
---
### 3. Electronic Behavior
* **Fast-Acting:** Unlike "Slow-Blow" fuses, the 5HF1.25-R is designed to open almost instantly when the current exceeds 1.25A significantly. This protects delicate semiconductors (like ICs or transistors) that cannot withstand even brief surges.
* **Low Resistance:** It features low internal resistance to minimize voltage drop across the component during normal operation.
* **Operating Temperature:** Generally rated to function between -55°C to +125°C, making it suitable for harsh environments.
---
### 4. Common Applications
* **Power Supplies:** Primary protection on the AC input side.
* **LED Lighting:** Protecting driver circuits.
* **Battery Chargers:** Preventing overcurrent during charging cycles.
* **Consumer Electronics:** Used in monitors, printers, and set-top boxes where space is limited.
- ⤷
What is the difference between the 5HF and the 5ET fuse series?
- ⤷ How do I calculate the derating for this fuse at high temperatures?
- ⤷ Can this fuse be used in DC circuits
- ⤷ or is it strictly for AC?