Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 5HF630-R

  • AI
    The **5HF630-R** is a specific type of electronic component used primarily for circuit protection. It is a **subminiature, fast-acting fuse** designed for space-constrained applications. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (commonly Bel Fuse). Here is the breakdown of its technical characteristics: | Property | Specification | | :--- | :--- | | **Type** | Subminiature Fuse (5HF Series) | | **Current Rating** | 630mA (0.63 Amps) | | **Voltage Rating** | 250V AC | | **Response Characteristic** | Fast-Acting / Quick Acting (F) | | **Form Factor** | 5mm x 20mm (Standard Glass Tube) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | | **Breaking Capacity** | 35A @ 250V AC / 10,000A @ 125V AC | --- ## 2. Key Components & Construction The 5HF630-R is built to react quickly to overcurrent events to protect sensitive semiconductors and ICs. ### Internal Elements * **Fuse Element:** A thin metallic wire or ribbon designed to melt when the current exceeds 630mA for a specific duration. * **Encapsulation:** High-quality glass body that allows for visual inspection of the filament. * **End Caps:** Nickel-plated brass caps providing high conductivity and oxidation resistance. ### The "-R" Suffix The **-R** is critical in modern manufacturing as it signifies **RoHS Compliance**. This means the part is manufactured without lead, mercury, cadmium, or other hazardous substances, making it legal for sale and use in the EU and other regulated markets. --- ## 3. Applications Because this is a "Fast-Acting" fuse with a low current rating (630mA), it is typically found in: * **Power Supplies:** Protecting the primary side of small AC/DC adapters. * **Consumer Electronics:** Use in LED lighting drivers, chargers, and small appliances. * **Industrial Equipment:** Protecting control circuits and PLCs where a slow-blow fuse might allow damage to sensitive components. --- ## 4. Selection Criteria When replacing or designing with the 5HF630-R, consider the following: * **I²t Value:** This represents the melting integral (energy required to melt the element). Fast-acting fuses have low I²t values. * **Ambient Temperature:** Current carrying capacity decreases as temperature increases (Derating). * **Voltage Rating:** Never use a fuse with a voltage rating lower than the circuit's operating voltage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5HF series and a slow-blow series like 5ST?
    • ⤷ How do I calculate the derating factor for this fuse at high temperatures?
    • ⤷ Can this fuse be used in DC applications
    • ⤷ and what are the limitations?