5MTF800-R
AI

The **5MTF800-R** is a specific electronic component belonging to the **fuses** category. Specifically, it is a 5x20mm glass tube fuse designed for circuit protection against overcurrent conditions.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | 5MTF800-R |
| **Fuse Type** | Glass Tube (Cartridge) |
| **Current Rating** | 800mA (0.8 Amps) |
| **Voltage Rating** | 250V AC |
| **Response Characteristic** | Medium Time-Delay (Medium Blow) |
| **Size** | 5mm x 20mm |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Name
To understand the electronic properties, we can decode the part number suffix and prefix:
* **5MT**: Indicates the series. "5" usually refers to the 5mm diameter, and "MT" signifies **Medium Time-Delay**. This means the fuse is designed to withstand temporary surges (like motor startups) without blowing immediately, but will trip if a sustained overcurrent occurs.
* **800**: Represents the current rating in milliamperes (800mA).
* **-R**: Indicates that the part is Lead-Free and complies with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Electronic Function and Material
* **Conductive Element:** Inside the glass tube is a wire or filament designed to melt at a specific temperature generated by 800mA of current.
* **Arc Quenching:** The glass body allows for visual inspection to see if the fuse is "blown." It is designed to contain the electrical arc that occurs when the circuit is interrupted.
* **Interrupting Rating:** This fuse typically has a low breaking capacity, meaning it is intended for use in consumer electronics rather than high-power industrial branch circuits.
---
### 4. Common Applications
Due to its medium-blow characteristic and 800mA rating, it is commonly found in:
* Power supplies for small appliances.
* Audio/Video equipment.
* Testing and measurement instruments.
* Internal protection for PCB-mounted power modules.
- ⤷
What is the difference between a 'Fast-Acting' fuse and this 'Medium Time-Delay' fuse?
- ⤷ Can I replace an 800mA fuse with a 1A fuse in a circuit?
- ⤷ What are the standard safety certifications (like UL or VDE) for the 5MT series?