5TTP400-R
AI

The **5TTP 400-R** is a specific type of electronic component categorized as a **Time-Lag (Slo-Blo) Glass Tube Fuse**. It is manufactured by **Bel Fuse Inc.** and is widely used for overcurrent protection in various electronic circuits.
---
### 1. Technical Specifications
The following table highlights the core electrical and physical characteristics of the 5TTP 400-R:
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 400mA (0.4A) |
| **Voltage Rating (AC)** | 250V |
| **Fuse Type** | Time-Lag / Slow Blow (T) |
| **Body Material** | Glass |
| **Dimensions** | 5mm x 20mm |
| **Termination Style** | Cartridge / Axial Lead options |
| **Interrupting Rating** | 100A @ 250V AC |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Key Features and Components
* **Time-Lag Characteristic:** The "T" in 5TTP stands for "Time-lag." Unlike fast-acting fuses, this part is designed to withstand temporary surges in current (inrush current) without blowing, but it will open the circuit if an overload persists.
* **The "-R" Suffix:** This indicates that the part is fully compliant with **RoHS** (Restriction of Hazardous Substances) standards, meaning it is lead-free.
* **Construction:** It consists of a glass body (allowing for visual inspection of the filament) and nickel-plated brass end caps.
* **Standard Size:** The 5x20mm form factor is a global standard, making it easy to find compatible fuse holders or clips.
---
### 3. Common Applications
The 5TTP 400-R is typically found in devices where inductive loads or large capacitors cause a momentary spike in current when the device is turned on.
* **Power Supplies:** Protecting the primary side of AC/DC converters.
* **Consumer Electronics:** Used in televisions, audio equipment, and chargers.
* **Industrial Equipment:** Small control panels and instrumentation.
* **LED Lighting:** Drivers that experience high inrush currents upon startup.
---
### 4. Safety Standards
The 5TTP series is designed to meet several international safety requirements to ensure reliability:
* **UL/CSA Listed:** Certified for safety standards in North America.
* **IEC 60127:** Complies with international standards for miniature fuses.
* **CE Marking:** Meets European safety, health, and environmental protection requirements.
- ⤷
What is the difference between the 5TTP and 5STP series fuses?
- ⤷ How does the 'I-squared-t' (I2t) value affect the selection of this fuse?
- ⤷ Can this fuse be used in DC applications
- ⤷ or is it strictly for AC?