Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 6-ES-P1-R1

  • AI
    Based on the technical nomenclature, the **6-ES-P1-R1** typically refers to a specific configuration of an **Emergency Stop (E-Stop) Station** or a modular control unit used in industrial automation. Below is a breakdown of the electronic and electromechanical components typically found in this part. ### 1. Component Overview The assembly is generally composed of three primary layers: the operator head, the mounting adapter, and the contact blocks. | Component | Description | Function | | :--- | :--- | :--- | | **Actuator Head** | Red Mushroom button (typically 40mm). | Physical interface for the user to trigger a stop. | | **Contact Block (NC)** | Normally Closed (NC) silver-alloy contacts. | Breaks the circuit when the button is pressed. | | **Contact Block (NO)** | Normally Open (NO) contacts (optional). | Used for signaling/monitoring (e.g., PLC input). | | **Enclosure** | IP65/66 rated housing. | Protects internal wiring from dust and moisture. | | **Reset Mechanism** | Twist-to-release or Pull-to-release. | Ensures the machine cannot restart until manually reset. | --- ### 2. Technical Specifications The electronic integrity of the part depends on its electrical ratings and safety certifications. * **Voltage Rating:** Typically rated for up to 600V AC/DC. * **Current Rating (Thermal):** Usually 10A ($I_{th}$). * **Contact Resistance:** $< 50 m\Omega$ to ensure minimal voltage drop. * **Mechanical Durability:** Rated for ~300,000 operations. * **Safety Standard:** Compliance with **IEC 60947-5-1** and **EN ISO 13850**. --- ### 3. Wiring Configuration The "R1" designation often implies a specific contact arrangement. In most industrial safety circuits, the wiring follows this logic: ```yaml Circuit_Type: Fail-Safe Wiring_Logic: - Terminal_11_12: Normally Closed (Safety Loop) - Terminal_13_14: Normally Open (Status Indicator) - Connection: Screw clamp terminals or push-in spring terminals ``` --- ### 4. Safety Functionality: Positive Opening Operation A critical "electronic" feature of the **6-ES-P1-R1** is the **Positive Opening Operation**. Unlike standard switches that rely on a spring to open the circuit, this part uses direct mechanical force to "weld-break" the contacts if they become stuck, ensuring the machine stops even if the hardware is damaged.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number to verify dimensions?
    • ⤷ Are you looking for a replacement guide or a wiring diagram?
    • ⤷ Does your application require a specific SIL (Safety Integrity Level) rating?