Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 60C-082-R

  • AI
    The part number **60C-082-R** typically refers to a high-quality **Common Mode Choke** (often manufactured by companies like Murata or similar magnetics specialists). These components are essential for suppressing electromagnetic interference (EMI) in electronic circuits. --- ### 1. Technical Specifications Common mode chokes like the 60C series are designed to filter out noise that is common to both lines of a differential pair (such as power lines or data lines). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Inductor | | **Inductance** | 8.2 mH (Indicated by the "082" code) | | **Current Rating** | Typically 0.5A to 1.5A (varies by specific series) | | **Mounting Type** | Through-hole or Surface Mount (Series dependent) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number * **60C**: Refers to the specific series or package size of the inductor. * **082**: This is the inductance code. * The first two digits (**08**) are the significant figures. * The third digit (**2**) is the multiplier (10^2). * $82 \times 10^2 = 8200 \mu H$ or **8.2 mH**. * **-R**: Generally stands for **RoHS Compliant**, indicating the part is lead-free. --- ### 3. Key Functions and Applications These parts are used to maintain signal integrity and ensure a device passes EMC (Electromagnetic Compatibility) testing. #### Primary Functions: 1. **Noise Suppression:** It allows DC and low-frequency signals to pass while blocking high-frequency AC noise. 2. **Differential Signal Integrity:** It filters noise that affects both lines simultaneously without distorting the actual data/power signal. #### Common Applications: * **Switch Mode Power Supplies (SMPS):** Used on the input stage to prevent noise from the power supply from feeding back into the AC mains. * **Data Lines:** Used in USB, CAN bus, or Ethernet circuits to reduce EMI. * **Industrial Controls:** Protecting sensitive logic circuits from motor or relay noise. --- ### 4. Circuit Representation In a schematic, a common mode choke is represented by two inductors wound on a single core, usually indicated by two dots (polarity marks) showing the winding direction. ```text Line In 1 ----( Coil 1 )---- Line Out 1 || (Core) Line In 2 ----( Coil 2 )---- Line Out 2 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the 60C-082-R?
    • ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer?
    • ⤷ How does the DC resistance (DCR) affect the performance of this choke?