Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 60D-041-R

  • AI
    The part number **60D-041-R** typically refers to a specific series of **Current Sense Resistors** or specialized **Transformers**, most commonly associated with manufacturers like **Gowanda Electronics** or specialized power component distributors. Below is a breakdown of the electronic specifications and characteristics associated with this component type. --- ### 1. Component Overview This part is generally categorized as a **Surface Mount (SMD) Power Inductor** or a **Current Sensing Transformer**. The "R" suffix usually denotes "RoHS Compliance" or "Tape and Reel" packaging. ### 2. Technical Specifications While exact specs can vary by manufacturer, here are the typical parameters for the 60D series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Current Sense Transformer / Inductor | | **Inductance / Ratio** | Varies (Often 1:40 or 1:100 ratio) | | **Mounting Type** | Surface Mount Device (SMD) | | **Operating Temperature** | -40°C to +125°C | | **Termination** | Tin-Silver-Copper (RoHS Compliant) | | **Core Material** | Ferrite | ### 3. Key Features * **High Frequency Operation:** Designed to operate efficiently in switch-mode power supplies (SMPS). * **Compact Footprint:** Engineered for high-density PCB layouts. * **Current Sensing:** Used to monitor current flow in a circuit without significant power loss. * **Isolation:** Provides primary-to-secondary isolation, protecting sensitive control circuitry from high-power paths. ### 4. Common Applications These parts are vital in power management systems: 1. **DC-DC Converters:** Monitoring output current for feedback loops. 2. **Battery Management Systems (BMS):** Measuring charge/discharge rates. 3. **Overload Protection:** Triggering safety cut-offs when current exceeds a threshold. 4. **Motor Controllers:** Sensing phase currents for precise motor speed/torque control. --- ### 5. Identification Code Breakdown | Segment | Meaning | | :--- | :--- | | **60D** | Series Identifier (Form factor and core type) | | **041** | Specific Value/Turns Ratio code | | **R** | RoHS Compliant (Lead-Free) |
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the 60D-041-R?
    • ⤷ What is the specific turns ratio for the 041 variant?
    • ⤷ Are there through-hole equivalents for this SMD part?