61BR1-R
AI

The **61BR1-R** is a specific model of an **Incremental Optical Rotary Encoder** manufactured by **Grayhill Inc.** These devices are used to convert the angular position or motion of a shaft into digital electrical signals.
---
### 1. Key Technical Specifications
The "61B" series is characterized by its compact size and high reliability. Below are the primary technical parameters for the **61BR1-R**:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Optical Incremental Encoder |
| **Resolution** | 32 Cycles Per Revolution (CPR) |
| **Output Type** | Quadrature (2-bit) |
| **Operating Voltage** | 5.0 VDC ± 0.25V |
| **Supply Current** | 30mA maximum |
| **Mounting** | Rear Mount (indicated by 'R') |
| **Operating Life** | 1,000,000 cycles |
---
### 2. Operational Principles
The 61BR1-R utilizes **Optical Technology** rather than mechanical contacts. This provides several advantages:
* **Non-Contact Sensing:** An internal LED shines through a slotted code wheel onto phototransistors. Because there are no physical brushes to wear down, the part has a significantly longer lifespan than mechanical encoders.
* **Quadrature Output:** It produces two square wave signals (Channel A and Channel B) offset by 90 degrees. This allows the system to determine both the **speed** of rotation and the **direction** (clockwise vs. counter-clockwise).
* **No Debouncing Needed:** Unlike mechanical switches that "bounce" (produce noisy signals), optical encoders provide clean digital transitions.
---
### 3. Pinout and Connection
The device typically features a 4-pin connection (though configurations can vary based on the specific termination style).
1. **Power (Vcc):** Typically +5V.
2. **Ground (GND):** Common return.
3. **Channel A:** Square wave output.
4. **Channel B:** Square wave output (90° phase shift).
---
### 4. Typical Applications
The 61BR1-R is designed for "Human-to-Machine Interface" (HMI) where precision and longevity are required:
* **Medical Equipment:** Adjusting sensitive parameters on monitors.
* **Audio/Visual:** High-end volume or frequency tuning knobs.
* **Industrial Controls:** Navigating digital menus on machinery panels.
* **Test & Measurement:** Precision input for laboratory instruments.
---
- ⤷
What is the difference between the 'Rear Mount' (R) and 'Front Mount' versions of this encoder?
- ⤷ How do I calculate the direction of rotation using the A and B quadrature signals?
- ⤷ Does the 61BR1-R include an integrated push-button switch?