AI

The **61F-G1-R** (often associated with the Omron 61F series) is a **Plug-in Level Controller** used primarily for automatic water supply and drainage control. The suffix "-R" typically indicates the inclusion of a relay unit or specific voltage requirements.
Below is a breakdown of its electronic components, specifications, and functions.
---
### 1. Key Component Overview
The 61F-G1-R acts as a logical switch that triggers based on the electrical conductivity of liquids.
| Component | Function |
| :--- | :--- |
| **Internal Transformer** | Steps down the AC input voltage to a safe 8V or 24V AC for the electrodes. |
| **Electrode Terminals** | Connects to the sensing rods (E1, E2, E3) placed in the liquid. |
| **Electromagnetic Relay** | The output mechanism that switches the pump or motor on/off. |
| **Rectifier/Comparator Circuit** | Processes the micro-current from the electrodes to determine if the circuit is closed. |
| **LED Indicators** | Visual feedback showing power status and relay operation. |
---
### 2. Technical Specifications
Common technical parameters for the 61F series:
* **Supply Voltage:** 110/220V AC (50/60 Hz).
* **Inter-electrode Voltage:** 8V AC (low voltage ensures safety and prevents electrolysis).
* **Operating Resistance:** 0 to approx. 4 kΩ.
* **Output:** Relay contact, 5A at 250V AC (Resistive load).
* **Response Time:** 80 ms maximum for operation; 160 ms maximum for release.
---
### 3. Electronic Operating Principle
The device operates on the **Conductivity Principle**:
1. **Sensing:** The controller applies a small AC voltage between a common electrode (E3) and sensing electrodes (E1/E2).
2. **Circuit Completion:** When liquid touches the electrodes, a small current flows through the liquid.
3. **Signal Processing:** An internal transistor or comparator circuit detects this current and energizes the internal relay.
4. **Hysteresis (Level Control):** By using two sensing points (High/Low), the device prevents "chattering" (rapid cycling) of the pump when the water surface is turbulent.
---
### 4. Wiring and Terminal Layout (Typical)
Most 61F units use an 8-pin or 11-pin base.
```text
Terminal Pinout (Example):
1 & 8: Power Supply Input (e.g., 220VAC)
2, 3, 4: Relay Output (Common, NO, NC)
5: Electrode E1 (High Level - Stop/Start)
6: Electrode E2 (Low Level - Common/Reference)
7: Electrode E3 (Ground/Common)
```
---
### 5. Maintenance and Troubleshooting
* **Scale Buildup:** If the electrodes are covered in lime or rust, the electronic circuit won't "see" the water.
* **Relay Failure:** If you hear a "clicking" sound but the pump doesn't start, the internal relay contacts may be burnt.
* **Voltage Drops:** Ensure the supply voltage matches the coil rating (110V vs 220V) to prevent internal transformer burnout.
- ⤷
What is the difference between the G1 and the G-series models?
- ⤷ How do I wire the 61F-G1-R for automatic drainage vs. water supply?
- ⤷ Can this controller be used with non-conductive liquids like oil?