61F-082-R/Q
AI

The **61F-G2-R/Q** (often referenced within the Omron 61F series) is a high-performance, plug-in **Floatless Level Controller**. These devices are used primarily to control water levels in tanks, reservoirs, and sewage systems using electrodes rather than mechanical floats.
---
## 1. Technical Specifications
The "R" and "Q" designations typically refer to specific regional standards or enhanced features like tropical treatment or high-temperature resilience.
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage** | 110/220 VAC (Selectable via wiring) |
| **Operating Voltage Range** | 85% to 110% of rated voltage |
| **Inter-electrode Voltage** | 8 VAC |
| **Power Consumption** | Approx. 3.5 VA |
| **Response Time** | Operate: 80 ms max; Release: 160 ms max |
| **Control Output** | 5 A at 250 VAC (Resistive load) |
| **Ambient Temperature** | -10°C to 55°C |
---
## 2. Key Electronic Components
Inside the 61F-G2 unit, the circuitry is designed for stability and protection against electrical noise:
### A. The Transformer
* **Isolation:** The unit uses an internal transformer to step down the mains voltage to a safe **8 VAC** for the electrodes. This ensures that the water being measured is not under high voltage, preventing electrocution hazards.
### B. Sensing Circuit (Comparator)
* The electronics detect the **impedance** between the electrodes. When water touches the electrode, it completes a low-voltage AC circuit.
* The AC signal is rectified and compared against a reference threshold to trigger the internal relay.
### C. Output Relay
* A mechanical electromagnetic relay (SPDT) provides the switching power to start/stop pumps or activate solenoid valves.
### D. Tropical/Environmental Protection (R/Q Models)
* **Corrosion Resistance:** The "R" and "Q" variants often feature **conformal coating** on the internal PCB to prevent failure due to high humidity, condensation, or corrosive gases commonly found in sewage environments.
---
## 3. Electrode Configuration
The 61F-G2 series typically uses a **three-electrode** setup for automatic supply and drainage:
1. **E1 (Short):** The high-level stop point.
2. **E2 (Medium):** The low-level start point.
3. **E3 (Long):** The common/ground electrode (always submerged).
---
## 4. Application Logic
The controller operates on a **Hysteresis** principle to prevent "chattering" (rapid cycling of the pump):
* **Drainage:** The pump turns ON when water reaches **E1** and turns OFF only when it drops below **E2**.
* **Supply:** The pump turns ON when water drops below **E2** and turns OFF when it reaches **E1**.
---
- ⤷
What is the difference between the 61F-G2 and the 61F-GP-N models?
- ⤷ How do I wire the electrodes for a water supply application?
- ⤷ What causes the relay to chatter and how can it be fixed?