Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 621-R

  • AI
    The term **"621-R"** typically refers to a specific series of high-performance **Schottky Barrier Rectifiers** (Diodes) or, in some contexts, specific connector components from manufacturers like Amphenol or Molex. However, in the context of discrete electronic components, it most commonly refers to the **621-R Series Schottky Diode**. Below is a breakdown of its characteristics, specifications, and applications. --- ## 1. Component Overview The 621-R is a semiconductor device designed to allow current to flow in one direction while blocking it in the opposite direction. Because it is a Schottky diode, it utilizes a metal-semiconductor junction rather than a P-N junction, allowing for high-speed switching. ### Key Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Type** | Schottky Barrier Rectifier | | **Max. Average Forward Current ($I_F$)** | 5.0 - 6.0 Amperes | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 20V to 100V (depending on sub-variant) | | **Forward Voltage Drop ($V_F$)** | Low (~0.5V to 0.7V) | | **Operating Temperature** | -65°C to +150°C | | **Package Style** | DO-201AD (Axial Lead) or Surface Mount (SMC) | --- ## 2. Key Features The "R" in the part number often signifies **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. * **Low Forward Voltage:** Reduces power loss and increases efficiency in power supplies. * **High Surge Capacity:** Capable of handling brief spikes in current without failing. * **Fast Switching:** Extremely low reverse recovery time, making it ideal for high-frequency circuits. * **Guard Ring Construction:** Provides transient protection and enhances long-term reliability. --- ## 3. Common Applications Due to its efficiency and speed, the 621-R is found in various power-related electronics: 1. **Switching Power Supplies (SMPS):** Used for rectification on the output stage. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to protect transistors. 3. **Battery Chargers:** Prevents reverse current from flowing back into the charging circuit. 4. **Solar Panels:** Used as blocking diodes to prevent battery discharge through the panels at night. --- ## 4. Alternative "621-R" Components If you are looking for a connector or a passive component rather than a diode, the "621-R" suffix is also used in: * **Connectors:** Specifically Amphenol's 621 series or circular connectors used in aerospace. * **Resistor Networks:** Occasionally found in older military-spec resistor arrays. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 621-R Schottky diode and a standard PN junction diode?
    • ⤷ How do I identify the cathode and anode on a 621-R axial package?
    • ⤷ What are the common voltage ratings available for the 621-R series?