628-009-010-059
AI

The part number **628-009-010-059** refers to a specific type of electrical connector manufactured by **EDAC Inc.** It is a standard D-Subminiature connector commonly used in data transmission, networking, and industrial control systems.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | EDAC Inc. |
| **Series** | 628 Series |
| **Connector Type** | D-Sub Connector |
| **Number of Positions** | 9 Positions |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | Through Hole, Right Angle |
| **Termination Style** | Solder |
| **Contact Plating** | Gold Flash |
| **Shell Material** | Steel (Tin Plated) |
| **Current Rating** | 5A |
---
### 2. Physical Design & Layout
* **9-Pin Configuration:** This is a standard "DE-9" size (often incorrectly called DB-9). It features two rows of pins (one row of 5 and one row of 4).
* **Right Angle Orientation:** The pins are bent at a 90-degree angle, allowing the connector to be mounted on the edge of a Printed Circuit Board (PCB) while the interface faces outward.
* **Footprint:** The "0.318 inch" footprint is standard for many legacy computer peripherals and industrial sensors.
---
### 3. Common Applications
This part is typically found in the following environments:
1. **RS-232 Serial Communication:** Used for connecting computers to modems, printers, or industrial PLCs.
2. **Controller Interfaces:** Common in CNC machinery and robotics for signal transmission.
3. **Network Hardware:** Used in legacy networking equipment for console management.
4. **Power Supply:** Small-scale power delivery for low-voltage electronic modules.
---
### 4. Part Number Breakdown (EDAC Coding)
While EDAC uses a proprietary system, the digits roughly represent:
* **628:** Series (Right Angle PCB Mount).
* **009:** Number of contacts (9).
* **010:** Insulator color/material (typically Black PBT).
* **059:** Specific mounting hardware/plating variation (standard mounting holes).
- ⤷
What are the alternative mounting hardware options for the 628 series?
- ⤷ How does gold flash plating compare to 30u gold in terms of durability?
- ⤷ Is this connector compatible with standard RS-232 pinouts?