628-025-010-059
AI

Based on the part number **628-025-010-059**, this component is a high-density D-Subminiature connector manufactured by **EDAC Inc.**
Below is a detailed breakdown of its specifications and electrical characteristics.
---
### 1. Component Overview
The 628 series consists of right-angle, high-density D-Sub connectors designed for PCB mounting. These are commonly used in computer interfaces, telecommunications, and industrial control systems where space is limited.
### 2. Technical Specifications
| Feature | Specification |
|:---|:---|
| **Manufacturer** | EDAC Inc. |
| **Series** | 628 Series |
| **Connector Type** | D-Sub High Density |
| **Gender** | Plug (Male Pins) |
| **Number of Positions** | 25 Pins |
| **Orientation** | Right Angle (90 Degrees) |
| **Termination** | Through-Hole (Solder) |
| **Mounting Type** | PCB Mount |
| **Hardware** | 4-40 Threaded Inserts (standard for D-sub) |
---
### 3. Electrical and Material Characteristics
These connectors are built to withstand standard industrial electrical loads and environmental conditions.
* **Current Rating:** 3 Amperes per contact.
* **Dielectric Withstanding Voltage:** 1000V AC rms at sea level.
* **Insulation Resistance:** 5000 Megohms minimum.
* **Contact Resistance:** 10 Milliohms maximum.
* **Operating Temperature:** -55°C to +105°C.
* **Materials:**
* *Insulator:* Thermoplastic (UL 94V-0 rated).
* *Contacts:* Copper Alloy with Gold plating over Nickel on the mating area.
* *Shell:* Steel, Tin plated (provides EMI/RFI shielding).
---
### 4. Part Number Breakdown
The EDAC numbering system for this part can be interpreted as follows:
| Code | Meaning |
|:---|:---|
| **628** | Series Number (Right Angle High Density) |
| **025** | Total number of contacts (25) |
| **010** | Contact plating/Mounting style code |
| **059** | Specific modification (often refers to mounting hardware or footprint) |
---
### 5. Common Applications
* **Video Interfaces:** Legacy VGA or specialized video signals.
* **Data Processing:** High-speed data transmission in server racks.
* **Industrial Automation:** Connecting PLCs to peripheral sensors and actuators.
* **Medical Equipment:** Internal board-to-cable interconnects.
- ⤷
What are the PCB footprint dimensions for the EDAC 628 series?
- ⤷ Are there female equivalents (sockets) available for the 628-025-010-059?
- ⤷ What is the difference between standard density and high density D-Sub connectors?