62A-R/
AI

The **62A-R** series refers to a specific family of **Optical Encoders** manufactured by **Grayhill Inc.** These are precision electromechanical components used to convert the angular position or motion of a shaft into an analog or digital signal.
---
### 1. Key Technical Specifications
The "62A" designation identifies the physical size and output type, while suffix variations (like -R) often denote specific detent or connector configurations.
| Feature | Specification |
| :--- | :--- |
| **Technology** | Optical (Non-contacting) |
| **Output Type** | 2-Bit Quadrature Code |
| **Operating Voltage** | 5.0 Vdc ± 0.25 Vdc |
| **Supply Current** | 30 mA maximum |
| **Rotational Life** | 1,000,000 cycles |
| **Pushbutton Option** | Available (integrated tactile switch) |
---
### 2. Internal Electronic Components
An optical encoder like the 62A-R contains several critical sub-components that work together:
* **Infrared LED:** Acts as the light source.
* **Photodetector Array:** Sensors that pick up the light passing through a coded disk.
* **Coded Disk:** A small, slotted wheel attached to the shaft. As it spins, it breaks the light beam.
* **Schmitt Trigger:** Integrated circuitry that cleans up the signal from the sensors to ensure a "square" digital pulse (high/low).
---
### 3. Pinout and Connection
Most 62A series encoders use a standard 4-pin or 5-pin interface (depending on the pushbutton feature).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Power (Vcc) | Typically +5V Input |
| **2** | Output A | Quadrature Channel A |
| **3** | Output B | Quadrature Channel B |
| **4** | Pushbutton | Switch output (if equipped) |
| **5** | Ground | Common Return |
---
### 4. Logic Signal (Quadrature)
The 62A-R outputs two square waves (A and B). By comparing the phase of these waves, the connected microcontroller can determine both the **speed** and the **direction** of the turn.
```markdown
Clockwise Turn: Channel A leads Channel B
Counter-Clockwise: Channel B leads Channel A
```
### 5. Common Applications
* **Medical Equipment:** Precision adjustment for patient monitors.
* **Audio/Video:** Volume control or menu navigation.
* **Industrial Controls:** Settings adjustment on CNC panels or PLC interfaces.
---
- ⤷
What is the difference between the 62A and 62S series from Grayhill?
- ⤷ How do I calculate the RPM of the 62A-R based on its pulse output?
- ⤷ Can the 62A-R operate at 3.3V instead of 5V?