Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 6AG-AE3-R

  • AI
    The part number **6AG-AE3-R** typically refers to a specialized electronic component, most commonly associated with **industrial automation** (such as Siemens SIPLUS modules) or specific **high-reliability connectors**. Given the nomenclature, it is frequently identified as a **SIPLUS S7-300 Analog Input Module** or a related ruggedized electronic assembly. --- ## Technical Specifications (Typical) If this refers to the **SIPLUS S7-300** series (the "6AG" prefix is the industry standard for Siemens ruggedized components), the technical breakdown is as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Analog Input Module | | **Input Channels** | 8 Channels (Typical) | | **Resolution** | 12-bit to 16-bit (depending on configuration) | | **Input Types** | Voltage, Current, Resistance, Thermocouples | | **Operating Temp** | -25°C to +60°C / +70°C (Extended range) | | **Protection** | Conformal Coating (Resistant to harsh gases/humidity) | --- ## Key Electronic Characteristics ### 1. Ruggedization (SIPLUS Features) The "6AG" prefix indicates that the electronics are hardened versions of standard commercial parts. * **Conformal Coating:** The PCB is coated with a thin polymeric film to protect against moisture, dust, and chemicals. * **Thermal Management:** Components are rated for higher thermal stress to prevent "derating" in industrial cabinets. ### 2. Signal Processing The module contains high-precision **Analog-to-Digital Converters (ADCs)**. It converts physical signals (like 4-20mA or 0-10V) into digital words for a CPU. * **Isolation:** Optocouplers are used to provide galvanic isolation between the field sensors and the internal logic, protecting the PLC from power surges. ### 3. Connection Interface The "-R" suffix often denotes a specific revision or a "RoHS" compliant version (Lead-free). * **Bus Connector:** Uses a backplane bus to communicate with the central processing unit. * **Terminal Block:** Requires a front-mounted connector for wiring the physical sensors. --- ## Example Wiring Diagram (Generic Logic) ```mermaid graph LR A[Sensor 4-20mA] --> B[Terminal Block] B --> C[6AG-AE3-R Analog Input] C --> D[Isolation Barrier] D --> E[A/D Converter] E --> F[PLC Backplane] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific application or machine this part is being used in?
    • ⤷ Do you need the specific pinout or wiring diagram for this module?
    • ⤷ Are you looking for a direct replacement or a modern equivalent for this component?