6HDD15PBY99R10X
AI

The part number **6HDD15PBY99R10X** refers to a specific High-Density D-Sub connector manufactured by **Conec**. It is widely used in industrial, telecommunications, and computing equipment for space-saving signal connections.
---
## Technical Specifications Breakdown
The alphanumeric code provides specific details about the connector's construction and physical properties:
| Feature | Specification |
| :--- | :--- |
| **Series Type** | High-Density D-Sub (HDD) |
| **Number of Positions** | 15 Pins |
| **Gender** | Male (Plug / P) |
| **Termination Style** | Solder Cup (for wire attachment) |
| **Mounting Hardware** | Threaded Insert / Jackscrew compatible |
| **Plating** | Standard Gold Flash over Nickel |
| **Housing Material** | Steel, Tin Plated |
---
## Physical and Electrical Characteristics
### 1. Construction
* **Insulator:** Glass-filled thermoplastic (UL 94 V-0 rated), usually black.
* **Contacts:** Copper alloy with precision machining for high reliability.
* **Shell:** Steel construction provides EMI/RFI shielding when used with a metal backshell.
### 2. Electrical Ratings
* **Current Rating:** Typically 3 Amperes per contact.
* **Voltage Rating:** 250V AC/DC.
* **Contact Resistance:** $\le$ 15 m$\Omega$.
* **Insulation Resistance:** $\ge$ 5000 M$\Omega$.
### 3. Mechanical Properties
* **High Density:** It uses the same shell size as a standard 9-pin D-Sub but accommodates 15 pins by using three rows instead of two.
* **Mating Cycles:** Rated for approximately 50 to 100 cycles (standard class).
* **Temperature Range:** $-55°C$ to $+125°C$.
---
## Common Applications
* **VGA Interfaces:** Though standard VGA is 15-pin, high-density versions are the foundation for analog video connections.
* **Industrial Automation:** Used in PLC (Programmable Logic Controller) communication ports.
* **Medical Equipment:** Reliable signal transmission in diagnostic tools.
* **Aerospace & Defense:** Used in non-critical avionics monitoring where space is a premium.
---
## Installation Note
Since this is a **Solder Cup** version, it requires manual soldering of wires to the pins. It is recommended to use heat-shrink tubing on each individual wire to prevent short-circuiting between the densely packed pins.
- ⤷
What are the differences between 6HDD15PBY99R10X and a standard 15-pin D-sub?
- ⤷ Which backshell or hood is compatible with this connector size?
- ⤷ Are there waterproof versions of this high-density connector?