Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 703-R

  • AI
    The **703-R** typically refers to specific electronic components depending on the industry. Most commonly, it represents a high-performance **Electromagnetic Relay** or a specialized **RF/Coaxial component**. Below is a detailed breakdown of the electronic specifications and parts associated with the most common version (General Purpose Industrial Relay). ### 1. Component Overview: 703-R Relay The 703-R is generally a plug-in power relay designed for industrial control panels. It is valued for its compact size and high switching capacity. | Feature | Specification | | :--- | :--- | | **Contact Form** | Usually 3PDT (3 Form C) | | **Contact Rating** | 10A at 250VAC / 30VDC | | **Coil Voltage Options** | 12VDC, 24VDC, 110VAC, 220VAC | | **Mounting Type** | Plug-in (8-pin or 11-pin bases) | | **Indicator** | Often includes an LED or Mechanical flag | --- ### 2. Internal Electronic Structure The assembly of a 703-R consists of several key sub-components: * **The Coil (Electromagnet):** A copper wire winding around a core. When energized, it creates a magnetic field to move the armature. * **Armature & Spring:** The mechanical mechanism that snaps the contacts open or closed. * **Contacts:** Made of Silver Alloy (AgNi or AgSnO2) to resist "pitting" and oxidation during high-current switching. * **Built-in Protection:** * **Diode (DC models):** Prevents "back EMF" (voltage spikes) from damaging sensitive electronics. * **Varistor (AC models):** Protects against transient surges. --- ### 3. Wiring Configuration Most 703-R units follow a standard industrial pinout. Here is a logic representation of a 3-Pole configuration: | Pin Number | Function | | :--- | :--- | | **2 & 10** | Coil Power (A1 / A2) | | **1, 6, 11** | Common (COM) | | **3, 7, 9** | Normally Open (NO) | | **4, 5, 8** | Normally Closed (NC) | --- ### 4. Code Implementation (Simulation) If you are controlling a 703-R via a microcontroller (like an Arduino) using a transistor driver, the logic is as follows: ```cpp // Basic relay trigger logic const int relayPin = 7; // Connected to the base of a transistor void setup() { pinMode(relayPin, OUTPUT); } void loop() { digitalWrite(relayPin, HIGH); // Relay coil energized (Circuit closed) delay(5000); digitalWrite(relayPin, LOW); // Relay coil de-energized (Circuit open) delay(5000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the 703-R relay?
    • ⤷ How do I choose between an 8-pin and 11-pin 703-R base?
    • ⤷ Does the 703-R require a flyback diode for DC operation?