7070-100-RBO
AI

The **7070-100-RBO** is a high-performance, precision power resistor commonly used in industrial, aerospace, and medical electronics. It is part of the 7070 series manufactured by specialized providers like **Ohmite** or **Riedon**, specifically designed for high-voltage and high-frequency applications.
---
### 1. Key Technical Specifications
The following table outlines the general electronic characteristics associated with the 7070-100-RBO part number:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 100 Ohms | The standard nominal resistance. |
| **Tolerance** | ±1% to ±5% | Precision rating for the resistance value. |
| **Power Rating** | High Wattage | Typically designed for power dissipation in the 10W - 100W range (depending on cooling). |
| **Termination Style** | Radial/Board Mount | The "RBO" suffix often refers to the Radial Board Orientation. |
| **Composition** | Thick Film / Wirewound | Designed for non-inductive performance. |
---
### 2. Component Composition & Design
The electronic construction of this part focuses on stability under thermal stress:
- **Substrate:** Usually high-purity Alumina ($Al_2O_3$) or Beryllium Oxide ($BeO$) for superior thermal conductivity.
- **Housing:** Often encapsulated in a flame-retardant epoxy or housed in an aluminum casing for heat sink mounting.
- **Leads:** Tinned copper or specialized alloy leads to ensure low contact resistance and high solderability.
---
### 3. Common Applications
Due to its robust electronic profile, the 7070-100-RBO is used in the following circuits:
1. **Snubber Circuits:** Used to suppress voltage spikes in switching power supplies.
2. **Dynamic Braking:** Small motor control systems that require dissipating kinetic energy as heat.
3. **Bleeder Resistors:** Discharging high-voltage capacitors in power grids for safety.
4. **Current Sensing:** Monitoring high-current paths in industrial battery chargers.
---
### 4. Implementation Example
If you are integrating this component into a schematic (e.g., using SPICE), the basic model follows Ohm's Law and power dissipation limits:
```python
# Simple Python calculation for Power Dissipation
resistance = 100 # Ohms
voltage = 48 # Volts
power_dissipated = (voltage ** 2) / resistance
print(f"Power Dissipation: {power_dissipated} Watts")
# Output: 23.04 Watts
```
---
- ⤷
What is the maximum operating temperature for the 7070-100-RBO?
- ⤷ Does this component require an external heat sink for full power rating?
- ⤷ What are the physical dimensions and lead spacing for PCB layout?