Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 70DR10

  • AI
    The **70DR10** is a specific type of high-power semiconductor device, most commonly identified as a **Stud Mount Rectifier Diode**. These components are designed to convert alternating current (AC) to direct current (DC) in high-current industrial applications. Below is a breakdown of its technical specifications, construction, and applications. --- ### 1. Key Technical Specifications The nomenclature "70DR10" usually follows standard industry labeling where "70" refers to the current rating and "10" refers to the voltage rating. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Average Forward Current ($I_{F(AV)}$)** | **70 Amperes** | The maximum continuous current the diode can handle. | | **Peak Reverse Voltage ($V_{RRM}$)** | **1000 Volts** | The maximum repetitive voltage it can withstand in the reverse direction. | | **Package Type** | **DO-5 (Stud Mount)** | A metal case with a threaded bolt for heat sink mounting. | | **Polarity** | **Cathode-to-Stud / Anode-to-Stud** | Available in both standard and reverse polarity versions. | | **Operating Temperature** | **-65°C to +175°C** | High thermal tolerance for industrial environments. | --- ### 2. Physical Construction The 70DR10 is built for durability and efficient heat dissipation: * **The Stud:** The bottom of the diode is a threaded copper bolt (usually 1/4 inch). This allows the component to be screwed directly into a metal chassis or a finned heat sink. * **The Housing:** The top is hermetically sealed (often ceramic or glass-to-metal) to protect the silicon wafer from moisture and oxidation. * **The Terminal:** A top lug or flexible lead provides the electrical connection for the side not connected to the stud. --- ### 3. Electronic Functionality The 70DR10 acts as a **one-way valve** for electricity: 1. **Forward Bias:** When the voltage at the Anode is higher than the Cathode, current flows with a low forward voltage drop (typically $1.1V$ to $1.3V$). 2. **Reverse Bias:** It blocks current flow up to its rated $1000V$. If this limit is exceeded, the device may enter "avalanche breakdown" and fail. 3. **Heat Dissipation:** Because it handles 70A, it generates significant heat ($P = V_f \times I_f$). The stud-mount design is critical for conducting this heat away to prevent thermal runaway. --- ### 4. Common Applications Due to its high current and voltage rating, the 70DR10 is rarely found in consumer electronics, but is a staple in: * **Battery Chargers:** Industrial-grade chargers for forklifts or marine batteries. * **Welding Equipment:** Converting AC mains to high-current DC for arc welding. * **Power Supplies:** Large DC motor drives and electrochemical plating power sources. * **Traction: ** Rectification in small electric vehicles or railway signaling systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between standard and reverse polarity in stud mount diodes?
    • ⤷ How do you calculate the required heat sink size for a 70DR10 at full load?
    • ⤷ What are the common failure modes for high-power rectifier diodes?