Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 7132LA55J

  • AI
    The **7132LA55J** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** integrated circuit. It is primarily designed for applications where two independent devices (like two processors) need to access the same memory space simultaneously. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kilobits (16Kb) | | **Organization** | 2K x 8 bits | | **Access Time** | 55 ns (Nanoseconds) | | **Interface** | Parallel (Dual-Port) | | **Package Type** | PLCC-52 (Plastic Leaded Chip Carrier) | | **Supply Voltage** | 5.0V ± 10% | | **Power Consumption** | Low-power version ("LA" designation) | --- ### 2. Functional Characteristics * **Dual-Port Architecture:** It features two independent sets of address, data, and control pins. This allows two separate buses to read or write to any location in the memory at the same time. * **Arbitration & Logic:** To prevent data corruption during simultaneous writes to the same address, the chip includes **Busy Logic** pins (`/BUSY`). If both ports attempt to access the same memory location, the internal logic determines which port gains priority. * **Asynchronous Operation:** The two ports do not need to be synchronized with the same clock; they can operate at different speeds or timings. * **Low Power:** The "LA" in the part number indicates a low-power CMOS version, which reduces power consumption during standby mode, making it suitable for battery-backed or heat-sensitive applications. --- ### 3. Pinout & Packaging (PLCC-52) The "J" suffix indicates the **PLCC-52** package. This is a square, plastic surface-mount package with 52 pins folded under the body (J-leads). **Common Pins include:** * **A0L - A10L / A0R - A10R:** Address lines for Left and Right ports. * **I/O0L - I/O7L / I/O0R - I/O7R:** Data lines for Left and Right ports. * **CE (Chip Enable):** Enables the specific port. * **OE (Output Enable):** Controls the data output buffers. * **R/W (Read/Write):** Determines the data direction. * **BUSY:** Hardware signal to indicate a port collision. --- ### 4. Typical Applications * **Multiprocessor Systems:** Shared memory buffer between two microcontrollers or DSPs. * **Communications:** Use as a buffer for high-speed data packets between a network interface and a CPU. * **Industrial Control:** Interfacing a real-time sensor processing unit with a main system controller.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7132 and 7142 models?
    • ⤷ How does the 'Busy Logic' prevent data conflicts in this chip?
    • ⤷ Are there modern replacements for the 7132LA55J in new designs?