Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 7133LA55J

  • AI
    The **7133LA55J** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** integrated circuit. It is designed to allow two independent systems (or processors) to access a common memory space simultaneously without the need for complex arbitration logic. --- ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | 7133LA55J | | **Memory Capacity** | 32K (2K x 16-bit) | | **Access Time** | 55 ns (Nanoseconds) | | **I/O Configuration** | 16-bit wide data bus | | **Operating Voltage** | 5.0V (±10%) | | **Package Type** | PLCC-68 (Plastic Leaded Chip Carrier) | | **Technology** | CMOS (Low Power) | --- ## 2. Functional Characteristics ### A. Dual-Port Architecture The chip features two completely independent sets of control, address, and I/O pins (Left Port and Right Port). This allows: * **True Simultaneous Access:** Both ports can read or write to any location in the memory at the same time. * **Independent Timing:** The two ports can operate at different speeds or asynchronous clock cycles. ### B. "LA" vs. "SA" Series The **"LA"** designation in the part number indicates the **Low Power** version. It consumes significantly less power during standby mode compared to the standard "SA" version, making it ideal for battery-backed or heat-sensitive applications. ### C. Arbitration & Control To manage potential data conflicts (two ports writing to the same address at the same time), the 7133 includes: * **Busy Logic:** Hardware signals (`/BUSY`) that notify a processor if the other port is currently accessing the requested memory location. * **Interrupt Flag:** Allows for communication between processors by setting flags in specific memory addresses. --- ## 3. Pinout and Packaging (PLCC-68) The **"J"** suffix refers to the **PLCC (Plastic Leaded Chip Carrier)** package. It is a square package with 68 pins "rolled" under the body (J-leads), which can be mounted directly onto a PCB or placed in a socket. --- ## 4. Typical Applications * **Inter-processor Communication:** Connecting a Microcontroller to a Digital Signal Processor (DSP). * **Video Buffering:** Storing frame data where one port handles input and the other handles display output. * **Network Equipment:** Buffering data packets between a network controller and a CPU. * **Industrial Automation:** Real-time data sharing between redundant control systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 55ns and 25ns versions of this chip?
    • ⤷ How does the 'Busy Logic' prevent data corruption in this SRAM?
    • ⤷ Is there a modern 3.3V equivalent for the 7133LA55J?