71342LA55PF8
AI

The part number **71342LA55PF8** refers to a high-speed **Dual-Port Static RAM (SRAM)** manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology). This specific component is designed to allow simultaneous access to a common memory array from two independent ports.
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific characteristics of the chip:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **71342** | Base Part Number | 4K x 8 High-Speed Dual-Port Static RAM |
| **L** | Power Consumption | Low Power |
| **A** | Revision | Design Revision Indicator |
| **55** | Speed (Access Time) | 55 Nanoseconds (ns) |
| **PF** | Package Type | TQFP (Thin Quad Flat Pack) |
| **8** | Tape and Reel | Shipped in Tape & Reel format |
---
### 2. Technical Specifications
The 71342 series is commonly used in systems where two processors or a processor and a DMA controller need to share data efficiently.
* **Memory Density:** 32 Kilobits (organized as 4,096 words x 8 bits).
* **Interface:** Two independent ports with separate controls, address, and I/O pins.
* **Operating Voltage:** Typically 5.0V (±10%).
* **Access Time:** 55ns (The time it takes for data to be available after an address change).
* **Synchronization:** Asynchronous (does not require a clock signal for basic operation).
* **Semaphoring:** Includes hardware support (Semaphores) to manage software-level arbitration between the two ports to prevent data corruption.
---
### 3. Key Features
* **True Dual-Ported:** Both ports can read or write to any location in the memory simultaneously (with logic to handle address collisions).
* **Low Power:** The "L" designation indicates low power consumption during both active and standby modes, making it suitable for thermally sensitive environments.
* **On-Chip Arbitration:** Includes "Busy" logic to notify a port if the other port is currently writing to the same address.
* **Industrial Standard:** The TQFP package provides a small footprint for high-density PCB designs.
---
### 4. Common Applications
This part is typically found in:
1. **Communications Systems:** Buffering data between a network processor and a local CPU.
2. **Digital Signal Processing (DSP):** Passing data between a DSP chip and a general-purpose microcontroller.
3. **Industrial Controllers:** Sharing state information between a real-time control loop and a user interface processor.
4. **Embedded Systems:** Shared memory for multiprocessor architectures.
- ⤷How does the 'Busy' logic prevent data contention in this dual-port RAM?
- ⤷ What are the alternative package types for the 71342 series?
- ⤷ Is there a 3.3V version of this specific SRAM part?