7140LA55PF
AI

The **7140LA55PF** is a high-speed **Asynchronous Dual-Port Static RAM (SRAM)**. It is designed to allow two independent systems (or processors) to read and write to a common memory space simultaneously without interference, provided they are not accessing the exact same address at the same time.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Capacity** | 8K (1024 x 8-bit) |
| **Access Time (Speed)** | 55 ns |
| **Interface** | Asynchronous |
| **Package Type** | TQFP (Thin Quad Flat Pack) |
| **Pin Count** | 64-Pin |
| **Operating Voltage** | 5.0V (±10%) |
| **Low Power Mode** | Supported (LA version) |
---
### 2. Functional Features
* **True Dual-Ported Architecture:** The chip features two sets of independent control, address, and I/O pins (Left Port and Right Port).
* **Arbitration Control:** It includes hardware support for "Busy" logic. If both ports attempt to access the same memory location simultaneously, the device manages the conflict.
* **Interrupt Logic:** It provides flag-based communication (INT pins) between the two ports, allowing one processor to signal the other.
* **Low Power (LA Series):** The "LA" designation indicates a low-power version, which consumes significantly less current during standby compared to the standard "L" or high-speed versions.
---
### 3. Pinout & Connectivity
The 64-pin TQFP package organizes pins into two symmetrical groups:
* **Address Pins ($A_{0L} - A_{9L}$ and $A_{0R} - A_{9R}$):** To select memory locations.
* **Data Pins ($I/O_{0L} - I/O_{7L}$ and $I/O_{0R} - I/O_{7R}$):** 8-bit bidirectional data lines for each port.
* **Control Pins:**
* **$\overline{CE}$ (Chip Enable):** Activates the port.
* **$\overline{OE}$ (Output Enable):** Manages the data output buffers.
* **$R/\overline{W}$:** Determines Read or Write mode.
* **$\overline{BUSY}$:** Signals if a port is currently blocked by the other port.
---
### 4. Common Applications
Due to its ability to bridge two different processing units, this part is commonly found in:
1. **Digital Signal Processing (DSP):** Buffering data between a CPU and a DSP.
2. **Network Switching:** Handling packet buffers between different interface controllers.
3. **Industrial Controllers:** Connecting a main processor to a dedicated I/O co-processor.
4. **Legacy Embedded Systems:** Often used in older telecommunications and medical equipment.
- ⤷
What is the difference between the 'LA' and 'L' versions of this chip?
- ⤷ How does the 'Busy' logic prevent data corruption in a dual-port RAM?
- ⤷ Is there a 3.3V version of the 7140 series available?