Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 7140LA55PF8

  • AI
    The **7140LA55PF8** is a specific integrated circuit belonging to the **Dual-Port Static RAM (SRAM)** family. It is designed to allow two independent systems (or processors) to access the same memory space simultaneously without interference. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. General Specifications | Feature | Detail | | :--- | :--- | | **Part Number** | 7140LA55PF8 | | **Memory Type** | SRAM - Dual Port, Asynchronous | | **Memory Size** | 8Kbit (1K x 8 bits) | | **Access Time** | 55ns (nanoseconds) | | **Voltage Supply** | 4.5V ~ 5.5V (Standard 5V) | | **Package Type** | TQFP-64 (Thin Quad Flat Pack) | | **Operating Temp** | 0°C ~ 70°C (Commercial Grade) | --- ### 2. Key Functional Features The "7140" series is known for its ability to handle high-speed data exchange between asynchronous buses. * **Dual-Port Architecture:** It features two independent ports (Left and Right) with separate controls, addresses, and I/O pins. * **Arbitration Logic:** It includes "Busy" logic signals to manage scenarios where both ports attempt to write to the same memory location at the exact same time. * **Interrupt Functionality:** It provides flag-based interrupts to allow one processor to signal the other when a message has been left in a specific memory location. * **Low Power (LA):** The "LA" designation indicates a low-power version of the chip, which consumes less current during standby compared to the standard "L" or high-speed versions. --- ### 3. Part Number Decoder Understanding the suffix and prefix of this specific part: | Code | Meaning | | :--- | :--- | | **7140** | Base part number (1K x 8 Dual-Port RAM) | | **LA** | Low Power version | | **55** | 55ns speed grade (Access time) | | **PF** | Plastic Quad Flatpack (TQFP) package | | **8** | Tape and Reel packaging (shipping format) | --- ### 4. Typical Applications Due to its dual-port nature, this chip is frequently used in: 1. **Digital Signal Processing (DSP):** Interfacing a DSP chip with a main CPU. 2. **Network Buffering:** Managing data packets between a network controller and a processor. 3. **Industrial Controllers:** Connecting a real-time I/O processor to a supervisory system. 4. **Multiprocessor Systems:** Sharing shared variables or "mailbox" data between two microcontrollers. --- ### 5. Connection Pins (Simplified) The 64-pin TQFP package generally includes the following pin groups: * **A0-A9 (L/R):** Address inputs for Left and Right ports. * **I/O0-I/O7 (L/R):** Data input/output pins for both sides. * **CE, OE, R/W:** Control signals (Chip Enable, Output Enable, Read/Write). * **BUSY:** Signals to indicate if a port is currently blocked. * **INT:** Interrupt flags for communication synchronization.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7140 and 7130 dual-port SRAM models?
    • ⤷ How does the 'Busy' logic prevent data corruption in this IC?
    • ⤷ Are there modern pin-compatible replacements for this 5V SRAM chip?