71421LA55PFG
AI

The **71421LA55PFG** is a high-performance, high-speed **Dual-Port Static RAM (SRAM)** manufactured by Renesas Electronics (formerly Integrated Device Technology - IDT). This specific component is designed to facilitate independent access to a common memory array from two separate ports.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the 71421LA55PFG.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Dual-Port Static RAM (SRAM) |
| **Density** | 16 Kilobits (2K x 8 bits) |
| **Access Time** | 55 nanoseconds (ns) |
| **Operating Voltage** | 5.0V (± 10%) |
| **Package Type** | TQFP-64 (Thin Quad Flat Pack, 64 pins) |
| **Power Consumption** | Low Power ("LA" version) |
| **Temperature Range** | Industrial/Commercial (Green/Pb-Free) |
---
## 2. Key Internal Features
### Dual-Port Architecture
The device features two completely independent ports (Left and Right) that contain their own:
* **Address Lines:** To select the memory location.
* **Data Lines:** For 8-bit wide data I/O.
* **Control Signals:** Including Read/Write ($R/\overline{W}$), Chip Enable ($\overline{CE}$), and Output Enable ($\overline{OE}$).
### Master/Slave Functionality
The 71421 is a **Master** device. When used in 16-bit or wider systems, it provides the necessary arbitration logic (BUSY signals) to prevent data contention when both ports attempt to write to the same memory location simultaneously.
### Low Power (LA) Technology
The "LA" designation indicates that the chip utilizes a low-power process, which reduces the standing (idle) current. This is critical for systems where thermal management or power efficiency is a priority.
---
## 3. Pinout and Signal Categories
The 64-pin TQFP package organizes signals into the following categories:
1. **Address Inputs ($A_0 - A_{10}$):** Used to select one of the 2,048 available bytes.
2. **Data I/O ($I/O_0 - I/O_7$):** The 8-bit bidirectional data bus.
3. **Control Pins:**
* $\overline{CE}$: Chip Enable (activates the port).
* $R/\overline{W}$: Read or Write selection.
* $\overline{OE}$: Output Enable (controls data flow to the pins).
* $\overline{SEM}$: Semaphore Enable (for non-simultaneous resource sharing).
* $\overline{INT}$: Interrupt flags for communication between processors.
* $\overline{BUSY}$: Hardware signal indicating a port collision.
---
## 4. Part Number Decoder
Understanding the suffix helps in identifying exact replacements:
* **71421:** Base Part Number (2K x 8 Master Dual-Port RAM).
* **LA:** Low Power.
* **55:** 55ns Speed Grade.
* **PFG:** 64-pin TQFP (Plastic) - Green/RoHS compliant.
---
## 5. Typical Applications
* **Inter-processor Communication:** Allowing two different CPUs (e.g., a DSP and a Microcontroller) to share data.
* **Buffering:** Acting as a bridge between two systems operating at different speeds.
* **Network Equipment:** Handling packet data between different interface controllers.
- ⤷
What is the difference between the 71421 (Master) and 71321 (Slave) versions?
- ⤷ How does the BUSY signal function during a simultaneous write attempt?
- ⤷ Are there faster speed grades available for this specific Renesas SRAM?