7143LA55PF
AI

The **7143LA55PF** is a high-performance **Dual-Port Static RAM (SRAM)** integrated circuit. It is designed to allow two independent systems (or buses) to access the same memory space simultaneously without interference.
---
## 1. Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Renesas Electronics (formerly IDT) |
| **Memory Capacity** | 32K bits (2K x 16-bit configuration) |
| **Access Time** | 55 ns (Nanoseconds) |
| **I/O Voltage** | 5.0V (Standard TTL) |
| **Package Type** | TQFP-80 (Thin Quad Flat Pack, 80-pin) |
| **Power Consumption** | Low Power (LA Series) |
---
## 2. Pinout and Architectural Logic
The 7143 is unique because it provides two sets of addresses, data lines, and controls (Left Port and Right Port).
### Key Functional Blocks:
* **Dual-Port Memory Array:** 2,048 words of 16-bit memory.
* **Independent Controls:** Both the Left (L) and Right (R) ports have their own $\overline{CE}$ (Chip Enable), $\overline{OE}$ (Output Enable), and $R/\overline{W}$ (Read/Write) pins.
* **Arbitration Logic:** Includes hardware "Semaphore" flags and "Busy" logic to prevent data corruption if both sides try to write to the same address at the exact same time.
---
## 3. Part Number Breakdown
Understanding the suffix helps in identifying specific operating constraints:
* **7143:** The base model number for 2K x 16 High-Speed Dual-Port SRAM.
* **LA:** Low-power version (consumes less current during standby than the "S" version).
* **55:** Speed grade, indicating a maximum access time of **55ns**.
* **PF:** Package code for the 80-pin TQFP (Plastic).
---
## 4. Typical Applications
This chip is commonly used in environments where data must be shared between two asynchronous processors:
1. **Digital Signal Processing (DSP):** Sharing data between a main CPU and a specialized DSP.
2. **Network Hardware:** Buffering packets between a network controller and a system bus.
3. **Industrial Controllers:** Managing communication between a real-time I/O processor and a user-interface processor.
4. **Dual-CPU Systems:** Facilitating high-speed inter-processor communication (IPC).
---
- ⤷
What is the difference between the 7143LA and the 7143S versions?
- ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same memory address?
- ⤷ Are there faster speed grades available for the 7143 series besides 55ns?