AI

## Overview of the 74ABT373CFCX
The **74ABT373CFCX** is a high-performance integrated circuit belonging to the **ABT (Advanced BiCMOS Technology)** family. It is an octal transparent D-type latch with 3-state outputs.
This component is widely used in bus-oriented systems where high speed, high drive capability, and low power consumption are required.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Logic Family** | ABT (Advanced BiCMOS) |
| **Function** | Octal Transparent D-Latch |
| **Output Type** | 3-State (High-Z capability) |
| **Supply Voltage (Vcc)** | 4.5V to 5.5V |
| **Propagation Delay** | ~3.3 ns (Typical) |
| **Output Current ($I_{OH}/I_{OL}$)** | -32 mA / 64 mA |
| **Package Type** | SSOP (Shrink Small Outline Package) |
| **Packing** | Tape & Reel (indicated by the 'X' suffix) |
---
### 2. Functional Description
The 74ABT373 consists of eight D-type latches with 3-state outputs. It operates based on two primary control signals:
1. **Latch Enable (LE):**
* When **LE is High**, the Q outputs follow the Data (D) inputs (Transparent mode).
* When **LE goes Low**, the data present at the inputs is latched and held at the outputs.
2. **Output Enable ($\overline{OE}$):**
* When **$\overline{OE}$ is Low**, the latched data is sent to the output pins.
* When **$\overline{OE}$ is High**, the outputs enter a high-impedance state (High-Z), effectively disconnecting the device from the bus.
---
### 3. Logic Table
| Operating Mode | $\overline{OE}$ | LE | D | Output (Q) |
| :--- | :--- | :--- | :--- | :--- |
| **Transparent** | L | H | L | L |
| **Transparent** | L | H | H | H |
| **Latched** | L | L | X | $Q_0$ (No change) |
| **High Impedance** | H | X | X | Z |
*Legend: L = Low, H = High, X = Don't Care, Z = High Impedance.*
---
### 4. Hardware Pinout Considerations
The "CFCX" suffix specifically denotes the package style (SSOP). The pins are typically organized as follows:
* **$D_0 - D_7$:** 8-bit Data Inputs.
* **$Q_0 - Q_7$:** 8-bit Data Outputs.
* **LE:** Latch Enable pin.
* **$\overline{OE}$:** Output Enable pin (Active Low).
* **Vcc / GND:** Power supply pins.
---
### 5. Key Advantages of ABT Technology
* **BiCMOS Architecture:** Combines the low power consumption of CMOS with the high-speed, high-drive capabilities of Bipolar transistors.
* **Live Insertion Support:** ABT circuitry is designed to allow the device to be powered up or down without generating bus glitches.
* **High Drive:** The 64mA sink current ($I_{OL}$) makes it ideal for driving heavily loaded backplanes or long bus lines.
---
- ⤷What is the difference between a 74ABT373 and a 74HC373?
- ⤷ In what specific applications would the 64mA sink current be necessary?
- ⤷ Can you provide a simple wiring diagram concept for this IC?